Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28256 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL28256
Description  39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28256 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28256 Datasheet HTML 3Page - Intersil Corporation ISL28256 Datasheet HTML 4Page - Intersil Corporation ISL28256 Datasheet HTML 5Page - Intersil Corporation ISL28256 Datasheet HTML 6Page - Intersil Corporation ISL28256 Datasheet HTML 7Page - Intersil Corporation ISL28256 Datasheet HTML 8Page - Intersil Corporation ISL28256 Datasheet HTML 9Page - Intersil Corporation ISL28256 Datasheet HTML 10Page - Intersil Corporation ISL28256 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6154.2
February 27, 2007
FIGURE 17. SUPPLY CURRENT ENABLED vs TEMPERATURE
VS = ±2.5V
FIGURE 18. SUPPLY CURRENT DISABLED vs
TEMPERATURE VS = ±2.5V
FIGURE 19. VIO SO8 PACKAGE vs TEMPERATURE VS = ±2.5V
FIGURE 20. VIO SO8 PACKAGE vs TEMPERATURE VS = ±1.2V
FIGURE 21. VIO SOT-23 PACKAGE vs TEMPERATURE
VS = ±2.5V
FIGURE 22. VIO SOT-23 PACKAGE vs TEMPERATURE
VS = ±1.2V
Typical Performance Curves (Continued)
23
28
33
38
43
48
53
58
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
6.5
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
-420
-320
-220
-120
-20
80
180
280
380
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
-400
-300
-200
-100
0
100
200
300
400
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
-420
-320
-220
-120
-20
80
180
280
380
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
-400
-300
-200
-100
0
100
200
300
400
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
ISL28156, ISL28256


Similar Part No. - ISL28256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28256 INTERSIL-ISL28256 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28256 INTERSIL-ISL28256 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28256FBZ INTERSIL-ISL28256FBZ Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28256FBZ INTERSIL-ISL28256FBZ Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28256FBZ-T7 INTERSIL-ISL28256FBZ-T7 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

Similar Description - ISL28256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com