Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQ1003-BD-000V Datasheet(PDF) 4 Page - Mimix Broadband

Part # XQ1003-BD-000V
Description  6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XQ1003-BD-000V Datasheet(HTML) 4 Page - Mimix Broadband

  XQ1003-BD-000V Datasheet HTML 1Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 2Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 3Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 4Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vee1, Vee2, Vee3 and Vtune with
Vee1 = Vee2 = Vee3 = -5.0 V and Vtune = 0.0 to 6.0 V, Iee1 = Iee2 = Iee3 = ~ 6.5 mA.
App Note [2] Bias Arrangement - Each DC pad (Vee1, 2, 3 and Vtune) needs to have DC bypass capacitance. (~100 - 200 pF, 100pF max on
Vtune) as close to the device as possible. The Vee3 pads have been tied together on chip and can be biased from either location.
Functional Diagram & Vtune Equivalent Input Circuit
Typical Application
MTTF Table
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
FITs
2.00E-01
2.88E+00
3.02E+01
MTTF Hours
4.99E+09
3.47E+08
3.31E+07
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
6.8-7.9 GHz GaAs MMIC
Voltage Controlled Oscillator
Prescalar
Doubler
PLL IC
XQ1003-BD
Ref 10 MHz
Loop
Filter
Icp
Vtune
Fvco
Fout
Fsample
6.8 - 7.9 GHz
13.6-15.8 GHz
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 17-Apr-07
Q1003-BD


Similar Part No. - XQ1003-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-000V MIMIX-XQ1000-BD-000V Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-EV1 MIMIX-XQ1000-BD-EV1 Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD-000V MIMIX-XQ1001-BD-000V Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
More results

Similar Description - XQ1003-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
7OSC0463 MIMIX-7OSC0463 Datasheet
279Kb / 5P
   6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
logo
M/A-COM Technology Solu...
MAOC-009261-PKG003 MA-COM-MAOC-009261-PKG003 Datasheet
135Kb / 5P
   Voltage Controlled Oscillator 7.1 - 7.9 GHz
logo
Mimix Broadband
6OSC0461 MIMIX-6OSC0461 Datasheet
279Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1002-BD MIMIX-XQ1002-BD Datasheet
196Kb / 5P
   6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
8OSC0464 MIMIX-8OSC0464 Datasheet
276Kb / 5P
   7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
15OSC0502 MIMIX-15OSC0502 Datasheet
924Kb / 5P
   14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
6OSC0460 MIMIX-6OSC0460 Datasheet
277Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
7OSC0462 MIMIX-7OSC0462 Datasheet
278Kb / 5P
   6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com