Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQ1003-BD-000V Datasheet(PDF) 1 Page - Mimix Broadband

Part # XQ1003-BD-000V
Description  6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XQ1003-BD-000V Datasheet(HTML) 1 Page - Mimix Broadband

  XQ1003-BD-000V Datasheet HTML 1Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 2Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 3Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 4Page - Mimix Broadband XQ1003-BD-000V Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Units
GHz
dBm
dBc/Hz
dBc/Hz
dBc
dBc
dBc
MHz/Volt
VDC
VDC
mA
Min.
6.8
-
-
-
-
-
-
-
-
+0.0
-
Typ.
-
+4.5
-97.0
-118.0
-23.0
-30.0
-40.0
60.0
-5.0
-
20
Max.
7.9
-
-
-
-
-
-
-
-
+6.0
25
6.8-7.9 GHz GaAs MMIC
Voltage Controlled Oscillator
Page 1 of 5
Features
On-Chip Resonator
+4.5 dBm Output Power
-97 dBc/Hz @ 100KHz Phase Noise
20mA @ -5.0V Bias Supply
100% On-Wafer, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Parameter
Supply Voltage (Vee1,2,3)
Supply Voltage (Vtune)
Supply Current (Iee1,2,3)
Supply Current (Itune)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Junction Temperature (Tjn)
-6.0 VDC
+6.0 VDC
30 mA
1 mA
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(1) Junction temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
1
Mimix Broadband's 6.8-7.9 GHz GaAs HBT VCO is a fully
integrated oscillator MMIC with on-chip tuning diode and
resonator. This design is based on a cross coupled differential
pair with on-chip buffer amplifier and output balun. The use of
a high-Q resonator structure and integrated varactor diodes
results in optimum phase-noise performance. This MMIC uses
Mimix Broadband's 2 um GaAs HBT device model technology
to ensure low flicker (1/f ) noise and high reliability. The chip
has surface passivation to protect and provide a rugged part
with backside via holes and gold metallization to allow either a
conductive epoxy or eutectic solder die attach process. This
device is well suited for Millimeter-wave Point-to-Point Radio,
LMDS, SATCOM and VSAT applications.
Electrical Characteristics (Ambient Temperature T = 25
o
C)
Absolute Maximum Ratings
Frequency Range (f )
Fundamental Output Power (Pout)
SSB Phase Noise @ 100 kHz Offset
SSB Phase Noise @ 1 MHz Offset
2nd Harmonic Suppression
3rd Harmonic Suppression
4th Harmonic Suppression
Frequency Pushing (Vee)
Supply Voltage (Vee)
Frequency Tuning Voltage (Vtune)
Supply Current (Iee) (Vee=-5.0V Typical)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 17-Apr-07
Q1003-BD
XQ1003-BD


Similar Part No. - XQ1003-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-000V MIMIX-XQ1000-BD-000V Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-EV1 MIMIX-XQ1000-BD-EV1 Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD-000V MIMIX-XQ1001-BD-000V Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
More results

Similar Description - XQ1003-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
7OSC0463 MIMIX-7OSC0463 Datasheet
279Kb / 5P
   6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
logo
M/A-COM Technology Solu...
MAOC-009261-PKG003 MA-COM-MAOC-009261-PKG003 Datasheet
135Kb / 5P
   Voltage Controlled Oscillator 7.1 - 7.9 GHz
logo
Mimix Broadband
6OSC0461 MIMIX-6OSC0461 Datasheet
279Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1002-BD MIMIX-XQ1002-BD Datasheet
196Kb / 5P
   6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
8OSC0464 MIMIX-8OSC0464 Datasheet
276Kb / 5P
   7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
15OSC0502 MIMIX-15OSC0502 Datasheet
924Kb / 5P
   14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
   5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
6OSC0460 MIMIX-6OSC0460 Datasheet
277Kb / 5P
   5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
7OSC0462 MIMIX-7OSC0462 Datasheet
278Kb / 5P
   6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com