Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1025-BD-000V Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1025-BD-000V
Description  28.0-31.0 GHz GaAs MMIC Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1025-BD-000V Datasheet(HTML) 2 Page - Mimix Broadband

  XP1025-BD-000V Datasheet HTML 1Page - Mimix Broadband XP1025-BD-000V Datasheet HTML 2Page - Mimix Broadband XP1025-BD-000V Datasheet HTML 3Page - Mimix Broadband XP1025-BD-000V Datasheet HTML 4Page - Mimix Broadband XP1025-BD-000V Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Amplifier Measurements
Page 2 of 5
28.0-31.0 GHz GaAs MMIC
Power Amplifier
XP1025-BD: Pout (dBm) vs. Freq (GHz)
20
21
22
23
24
25
26
27
28
29
30
31
32
28
29
30
31
32
Freq (GHz)
, Vd (V)=5, Pinr (dBm)=-10, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-9, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-8, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-7, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-6, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-4, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-3, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-2, RC=R10C12
, Vd (V)=5, Pinr (dBm)=-1, RC=R10C12
, Vd (V)=5, Pinr (dBm)=0, RC=R10C12
, Vd (V)=5, Pinr (dBm)=1, RC=R10C12
, Vd (V)=5, Pinr (dBm)=2, RC=R10C12
, Vd (V)=5, Pinr (dBm)=3, RC=R10C12
, Vd (V)=5, Pinr (dBm)=4, RC=R10C12
, Vd (V)=5, Pinr (dBm)=5, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-9, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-8, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-7, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-6, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-5, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-4, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-3, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-2, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=-1, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=0, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=1, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=2, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=3, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=4, RC=R10C12
, Vd (V)=5.5, Pinr (dBm)=5, RC=R10C12
, Vd (V)=6, Pinr (dBm)=-10, RC=R10C11
, Vd (V)=6, Pinr (dBm)=-10, RC=R10C12
, Vd (V)=6, Pinr (dBm)=-10, RC=R11C14
, Vd (V)=6, Pinr (dBm)=-9, RC=R10C11
, Vd (V)=6, Pinr (dBm)=-9, RC=R10C12
, Vd (V)=6, Pinr (dBm)=-9, RC=R11C14
, Vd (V)=6, Pinr (dBm)=-8, RC=R10C11
, Vd (V)=6, Pinr (dBm)=-8, RC=R10C12
, Vd (V)=6, Pinr (dBm)=-8, RC=R11C14
, Vd (V)=6, Pinr (dBm)=-7, RC=R10C11
, Vd (V)=6, Pinr (dBm)=-7, RC=R10C12
, Vd (V)=6, Pinr (dBm)=-7, RC=R11C14
, Vd (V)=6, Pinr (dBm)=-6, RC=R10C11
, Vd (V)=6, Pinr (dBm)=-6, RC=R10C12
, Vd (V)=6, Pinr (dBm)=-5, RC=R10C11
0 2 4 6 8 10 1214 16 18 20 22 24 262830 32 34 36 38 40 42 4446 48 50
Frequency (GHz)
XP1025-BD_S21_wafer sweep
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0 2 4 6 8 10 12 14 16 1820 22 24 26 2830 32 34 36 38 40 42 44 46 48 50
Frequency (GHz)
XP1025-BD_S12_wafer sweep
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0 2 4 6 8 101214 1618 20 22 2426 28 30 32 34 3638 40 4244 46 48 50
Frequency (GHz)
XP1025-BD_S11_wafer sweep
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0 2 4 6 8 10 1214 16 18 20 22 24 262830 32 34 36 38 40 42 4446 48 50
Frequency (GHz)
XP1025-BD_S22_wafer sweep
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 05-Mar-07
P1025-BD
26
27
28
29
30
31
32
33
34
Frequency (GHz)
XP1025-BD_Sparameters_wafer sweep
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30


Similar Part No. - XP1025-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-BD-000V MIMIX-XP1020-BD-000V Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-BD-EV1 MIMIX-XP1020-BD-EV1 Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
XP1020-QE MIMIX-XP1020-QE Datasheet
182Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier, QFN
XP1020-QE-0N00 MIMIX-XP1020-QE-0N00 Datasheet
182Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier, QFN
More results

Similar Description - XP1025-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
30MPA0562 MIMIX-30MPA0562 Datasheet
259Kb / 5P
   28.0-31.0 GHz GaAs MMIC Power Amplifier
XP1024-BD MIMIX-XP1024-BD Datasheet
215Kb / 7P
   26.0-31.0 GHz GaAs MMIC Power Amplifier
29MPA0373 MIMIX-29MPA0373 Datasheet
250Kb / 7P
   26.0-31.0 GHz GaAs MMIC Power Amplifier
XP1027-BD MIMIX-XP1027-BD_10 Datasheet
1Mb / 11P
   27.0-31.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC547LC3 HITTITE-HMC547LC3 Datasheet
489Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
logo
Analog Devices
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
List of Unclassifed Man...
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
   5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
Mimix Broadband
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com