Part Name
         Description
NE5532

 Internally-compensated dual low noise operational amplifier ( 12 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 2 page
background image
Philips Semiconductors
Product specification
NE/SA/SE5532/5532A
Internally-compensated dual low noise
operational amplifier
2
1997 Sept 29
853-0949 16639
DESCRIPTION
The 5532 is a dual high-performance low noise operational amplifier.
Compared to most of the standard operational amplifiers, such as
the 1458, it shows better noise performance, improved output drive
capability and considerably higher small-signal and power
bandwidths.
This makes the device especially suitable for application in
high-quality and professional audio equipment, instrumentation and
control circuits, and telephone channel amplifiers. The op amp is
internally compensated for gains equal to one. If very low noise is of
prime importance, it is recommended that the 5532A version be
used because it has guaranteed noise voltage specifications.
FEATURES
Small-signal bandwidth: 10MHz
Output drive capability: 600Ω, 10V
RMS
Input noise voltage: 5nV Hz (typical)
DC voltage gain: 50000
AC voltage gain: 2200 at 10kHz
Power bandwidth: 140kHz
Slew rate: 9V/µs
Large supply voltage range: ±3 to ±20V
Compensated for unity gain
PIN CONFIGURATIONS
FE, N, D8 Packages
D Package1
NOTE:
1. SOL and non-standard pinout.
7
6
5
4
3
2
1
B
A
V+
OUTPUT B
INVERTING INPUT B
NON-INVERTING INPUT B
OUTPUT A
INVERTING INPUT A
NON-INVERTING INPUT A
V-
TOP VIEW
–INA
+INA
NC
–VCC
NC
NC
+INB
–INB
NC
NC
NC
OUTA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
+VCC
OUTB
NC
NC
TOP VIEW
SL00332
8
Figure 1. Pin Configurations
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
0 to 70
°C
NE5532N
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
–40
°C to +85°C
SA5532N
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
–40
°C to +85°C
SA5532AN
SOT97-1
8-Pin Ceramic Dual In-Line Package (CERDIP)
0 to 70
°C
NE5532FE
0580A
8-Pin Plastic Dual In-Line Package (DIP)
0 to 70
°C
NE5532AN
SOT97-1
8-Pin Ceramic Dual In-Line Package (CERDIP)
0 to 70
°C
NE5532AF
0580A
8-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
SE5532FE
0580A
8-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
SE5532AF
0580A
8-Pin Small Outline Package (SO)
0 to 70
°C
NE5532AD8
SOT96-1
8-Pin Small Outline Package (SO)
–40
°C to 85°C
SA5532D8
SOT96-1
8-Pin Small Outline Package (SO)
–40
°C to 85°C
SA5532AD8
SOT96-1
8-Pin Small Outline Package (SO)
-55
°C to +125°C
SE5532AD8
SOT96-1
8-Pin Small Outline Package (SO)
0 to 70
°C
NE5532D8
SOT96-1
8-Pin Small Outline Package (SO)
–40
°C to 85°C
SA5532D8
SOT96-1
8-Pin Small Outline Package (SO)
–40
°C to 85°C
SA5532AD8
SOT96-1
8-Pin Small Outline Package (SO)
-55
°C to +125°C
SE5532D8
SOT96-1
16-Pin Plastic Small Outline Large (SOL) Package
0 to 70
°C
NE5532D
SOT162-1
16-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
SE5532N
SOT38-4



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OP227Dual Low Noise Low Offset Instrumentation Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
KIA4558PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL LOW NOISE OPERATIONAL AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
RM5532High Performance Dual Low Noise Operational Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
KIA4559PBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL LOW NOISE OPERATIONAL AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
RC5532High Performance Dual Low Noise Operational Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
5532Internally Compensated dual low noise Operational amplifier 1 2 3 4 NXP Semiconductors
HCA10009100MHz Single and Dual Low Noise Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
OPA2686Dual Wideband Low Noise Voltage Feedback OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBurr-Brown Corporation
MC33077DUAL LOW NOISE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreON Semiconductor
BA15218Dual high slew rate low noise operational amplifier 1 2 3 4 5 Rohm

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl