Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29000IROZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL29000IROZ
Description  Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29000IROZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL29000IROZ Datasheet HTML 1Page - Intersil Corporation ISL29000IROZ Datasheet HTML 2Page - Intersil Corporation ISL29000IROZ Datasheet HTML 3Page - Intersil Corporation ISL29000IROZ Datasheet HTML 4Page - Intersil Corporation ISL29000IROZ Datasheet HTML 5Page - Intersil Corporation ISL29000IROZ Datasheet HTML 6Page - Intersil Corporation ISL29000IROZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FN6117.4
February 9, 2007
Typical Performance Curves
FIGURE 3. SPECTRAL RESPONSE
FIGURE 4. SENSITIVITY
FIGURE 5. DARK CURRENT vs TEMPERATURE
FIGURE 6. GAIN vs TEMPERATURE
FIGURE 7. OUTPUT COMPLIANCE VOLTAGE vs CURRENT
FIGURE 8. IOUT vs LUMINANCE
0
20
40
60
80
100
400
500
600
700
800
900
1k
WAVE LENGTH (nm)
ISL29000 RELATIVE RESPONSE
ISL29000 RELATIVE
RESPONSE WITH IR
GLASS FILTER
ILLUMINATION (LX)
70
60
40
20
0
50
30
10
0
200
400
600
800
1000
VCC = 3V
FLUORESCENT LIGHT
TEMPERATURE (°C)
0.20
0.18
0.14
0.10
0.16
0.12
-60
-40
0
40
80
100
-20
20
60
VDD = 3V
TEMPERATURE (°C)
1.20
1.15
0.95
0.80
1.05
0.85
-60
-40
0
40
80
100
-20
20
60
1.10
0.90
1.00
VDD = 3V
FLUORESCENT LIGHT OF 500 LUX
OUTPUT CURRENT (µA)
0.6
0.5
0.2
0
0.3
0.1
-200
0
400
800
1000
1200
200
600
VDD = 3V
TA = +27°C
0.4
0
100
200
300
400
500
600
700
800
0
5k
10k
15k
20k
ILLUMINANCE (lux)
FLUORESCENT
LIGHT SOURCE
ISL29000


Similar Part No. - ISL29000IROZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ-T7 INTERSIL-ISL29000IROZ-T7 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-T7 RENESAS-ISL29000IROZ-T7 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Similar Description - ISL29000IROZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900 RENESAS-EL7900 Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com