Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1541 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL1541
Description  -52V Dual Channel Differential DSL Line Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1541 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1541_06 Datasheet HTML 1Page - Intersil Corporation ISL1541_06 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN6114.0
ISL1541
Data Sheet
September 11, 2006
-52V Dual Channel Differential DSL Line
Driver
The ISL1541 is a -52V dual channel differential amplifier
designed for driving full rate ADSL signals at very low power
dissipation. The high supply voltage allows operation from a
single standard -52V negative battery supply. It contains two
pairs of wideband, high voltage, current mode feedback
amplifiers optimized for lower power consumption and
highest performance in ADSL and ADSL2+ systems. The
line drivers have fixed gain AV = 48 with integrated feedback
and gain resistors. Its output clamping circuit eliminates the
requirement for the Zener protection diodes.
These drivers achieve an MTPR distortion measurement of
better than 70dB while consuming typically 3mA per DSL
channel of total supply current.
The ISL1541 is supplied in a thermally-enhanced 6mm x
6mm 24 Ld QFN package and is specified for operating over
the full -40°C to +85°C temperature range.
Features
• 100mA output current driving capability
• Operates from a single -40V to -60V power supply
• 800mW per channel total power dissipation
• MTPR of -70dB
•96VP-P differential output swing
• Fixed gain, integrated gain resistors
• Current control pins
• Output clamp for lightning and surge protection
• Channel separation
-75dB @ 1MHz
• Pb-Free plus anneal available (RoHS compliant)
Applications
• Dual port ADSL and ADSL2+ line drivers
• HDSL, HDSL2, HDSL 4 and SHDSL line drivers
• DSLAM, DLC, MDU/MTU line drivers
• Performance upgrade to Le87213, Le87213A, Le87220
• Pin to Pin replacement for Le87220
Pinout
ISL1541
[24 Ld QFN (6mm x 6mm)]
TOP VIEW
Ordering Information
PART
NUMBER
TAPE &
REEL
PACKAGE
PKG. DWG. #
ISL1541IRZ
(See Note)
-
24 Ld QFN
(6mm x 6mm)
(Pb-free)
L24.6x6
ISL1541IRZ-T7
(See Note)
7”
24 Ld QFN
(6mm x 6mm)
(Pb-free)
L24.6x6
ISL1541IRZ-T13
(See Note)
13”
24 Ld QFN
(6mm x 6mm)
(Pb-free)
L24.6x6
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NC
NC
NC
NC
INA
INB
OUTD
NC
NC
NC
IND
INC
18
17
16
15
14
13
1
2
3
4
5
6
THERMAL
PAD
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
Get Full Datasheet


Similar Part No. - ISL1541_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1540IRZ INTERSIL-ISL1540IRZ Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1540IRZ-T13 INTERSIL-ISL1540IRZ-T13 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1540IRZ-T7 INTERSIL-ISL1540IRZ-T7 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
More results

Similar Description - ISL1541_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com