Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43L711IR Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL43L711IR
Description  Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L711IR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL43L711IR Datasheet HTML 3Page - Intersil Corporation ISL43L711IR Datasheet HTML 4Page - Intersil Corporation ISL43L711IR Datasheet HTML 5Page - Intersil Corporation ISL43L711IR Datasheet HTML 6Page - Intersil Corporation ISL43L711IR Datasheet HTML 7Page - Intersil Corporation ISL43L711IR Datasheet HTML 8Page - Intersil Corporation ISL43L711IR Datasheet HTML 9Page - Intersil Corporation ISL43L711IR Datasheet HTML 10Page - Intersil Corporation ISL43L711IR Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6092.2
April 12, 2007
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 8. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 12. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 13. TURN-OFF TIME vs SUPPLY VOLTAGE
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
VCOM (V)
01
23
4
ICOM = 100mA
V+ = 2.7V
V+ = 1.8V
V+ = 3.6V
V+ = 3V
V+ = 3V
VCOM (V)
00.5
11.5
22.5
3
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
25°C
85°C
-40°C
ICOM = 100mA
0
0.5
1
1.5
2
VCOM (V)
85°C
-40°C
V+ = 1.8V
ICOM = 100mA
25°C
0.1
0.15
0.2
0.25
0.3
-250
-200
-150
-100
-50
0
50
00.511.522.5
3
VCOM (V)
V+ = 1.8V
V+ = 3V
0
10
20
30
40
50
60
70
80
V+ (V)
1
1.5
2
2.5
33.5
44.5
85°C
-40°C
25°C
0
10
20
30
40
50
V+ (V)
1
1.522.5
33.5
4
4.5
85°C
-40°C
25°C
ISL43L710, ISL43L711, ISL43L712


Similar Part No. - ISL43L711IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L711IR INTERSIL-ISL43L711IR Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L711IR RENESAS-ISL43L711IR Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results

Similar Description - ISL43L711IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com