Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43L410IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43L410IRZ
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L410IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43L410IRZ Datasheet HTML 1Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 2Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 3Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 4Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 5Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 6Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 7Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 8Page - Intersil Corporation ISL43L410IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6090.2
July 28, 2006
Pinout (Note 1)
ISL43L410 (TDFN, MSOP)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
V+
NO1
COM1
ADD
NC1
NO2
COM2
INH
NC2
GND
1
2
3
4
5
10
9
8
7
6
LOGIC
Truth Table
INH
ADD
SWITCH ON
1
X
NONE
00
NCX
01
NOX
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +3.6V)
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
ADD
Address Input Pin
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL43L410IR
L40
-40 to 85
10 Ld 3x3 thin DFN
L10.3x3A
ISL43L410IR-T
L40
-40 to 85
10 Ld 3x3 thin DFN Tape and Reel
L10.3x3A
ISL43L410IU
L410
-40 to 85
10 Ld MSOP
M10.118
ISL43L410IU-T
L410
-40 to 85
10 Ld MSOP Tape and Reel
M10.118
ISL43L410IRZ
(See Note)
L40Z
-40 to 85
10 Ld 3x3 thin DFN
(Pb-free)
L10.3x3A
ISL43L410IRZ-T
(See Note)
L40Z
-40 to 85
10 Ld 3x3 thin DFN Tape and Reel
(Pb-free)
L10.3x3A
ISL43L410IUZ
(See Note)
L410Z
-40 to 85
10 Ld MSOP
(Pb-free)
M10.118
ISL43L410IUZ-T
(See Note)
L410Z
-40 to 85
10 Ld MSOP Tape and Reel
(Pb-free)
M10.118
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL43L410


Similar Part No. - ISL43L410IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L410IRZ INTERSIL-ISL43L410IRZ Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IRZ RENESAS-ISL43L410IRZ Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410IRZ-T INTERSIL-ISL43L410IRZ-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IRZ-T RENESAS-ISL43L410IRZ-T Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
More results

Similar Description - ISL43L410IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L410 RENESAS-ISL43L410 Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410 INTERSIL-ISL43L410 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com