Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84781 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL84781
Description  Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84781 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL84781_06 Datasheet HTML 1Page - Intersil Corporation ISL84781_06 Datasheet HTML 2Page - Intersil Corporation ISL84781_06 Datasheet HTML 3Page - Intersil Corporation ISL84781_06 Datasheet HTML 4Page - Intersil Corporation ISL84781_06 Datasheet HTML 5Page - Intersil Corporation ISL84781_06 Datasheet HTML 6Page - Intersil Corporation ISL84781_06 Datasheet HTML 7Page - Intersil Corporation ISL84781_06 Datasheet HTML 8Page - Intersil Corporation ISL84781_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6095.3
July 31, 2006
COM OFF Capacitance, COFF
f = 1MHz, VNO = VCOM = 0V, (See Figure 6)
25
-
470
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO = VCOM = 0V, (See Figure 6)
25
-
485
-
pF
OFF Isolation
RL = 50Ω, CL = 35pF, f = 100kHz, (See Figure 4)
25
-
65
-
dB
Total Harmonic Distortion (THD)
f = 20Hz to 20kHz, 0.5Vp-p, RL = 32Ω
25
-
0.014
-
%
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.6
-
3.6
V
Positive Supply Current, I+
V+ = 3.6V, VINH, VADD = 0V or V+, Switch On or Off
25
-
-
0.05
μA
Full
-
-
1.2
μA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron
value.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
9. Guaranteed but not tested.
Electrical Specifications: 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Notes 4, 8),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.8V, ICOM = 10.0mA, VNO = 1.0V,
(See Figure 5)
25
-
0.55
0.85
Ω
Full
-
-
0.9
Ω
RON Matching Between Channels,
ΔRON)
V+ = 1.8V, ICOM = 10.0mA, VNO = 1.0V,
(See Figure 5)
25
-
0.1
-
Ω
Full
-
0.13
-
Ω
RON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 10.0mA, VNO = 0V, 0.9V, 1.6V,
(See Figure 5)
25
-
0.14
-
Ω
Full
-
0.16
-
Ω
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
1
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.4
V
Input Current, IINH, IINL, IADDH,
IADDL
V+ = 1.8V, VINH, VADD = 0V or V+ (Note 9)
Full
-0.5
-
0.5
μA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 1.8V, VNO = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 9)
25
-
24
33
ns
Full
-
-
35
ns
Inhibit Turn-OFF Time, tOFF
V+ = 1.8V, VNO = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 9)
25
-
16
25
ns
Full
-
-
27
ns
Address Transition Time, tTRANS
V+ = 1.8V, VNO = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 9)
25
-
25
34
ns
Full
-
-
36
ns
Break-Before-Make Time, tBBM
V+ = 1.8V, VNO = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 9)
25
-
9
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-20
-
pC
Electrical Specifications - 3V Supply Test Conditions: V
SUPPLY = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 8),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL84781


Similar Part No. - ISL84781_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781IR INTERSIL-ISL84781IR Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IR-T INTERSIL-ISL84781IR-T Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IRZ INTERSIL-ISL84781IRZ Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781IRZ INTERSIL-ISL84781IRZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781IRZ RENESAS-ISL84781IRZ Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
More results

Similar Description - ISL84781_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com