Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL45042 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL45042
Description  LCD Module Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL45042 Datasheet HTML 1Page - Intersil Corporation ISL45042 Datasheet HTML 2Page - Intersil Corporation ISL45042 Datasheet HTML 3Page - Intersil Corporation ISL45042 Datasheet HTML 4Page - Intersil Corporation ISL45042 Datasheet HTML 5Page - Intersil Corporation ISL45042 Datasheet HTML 6Page - Intersil Corporation ISL45042 Datasheet HTML 7Page - Intersil Corporation ISL45042 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN6072.6
November 14, 2006
Application Information
The application circuit to adjust the VCOM voltage in an LCD
panel is shown in Figure 1. The ISL45042 has a 128-step
sink current resolution. The output is connected to an
external voltage divider, that results in decreasing the output
VCOM voltage as you increase the ISL45042 sink current.
CTL Pin
The adjustment of the output VCOM voltage and the
programming of the non-volatile memory are provided
through a single pin called CTL, when the CE pin is high.
The output VCOM voltage is increased with a mid (Vdd/2) to
high transition (0.8*VDD) on CTL pin. The output VCOM
voltage is decreased with a mid (Vdd/2) to low transition
(0.3*VDD), on CTL pin (Reference Figure 6). Once the
minimum or maximum value is reached on the 128 steps,
the device will not overflow or underflow beyond that
minimum or maximum value.
Programming of the non-volatile memory occurs when the
CTL pin exceeds 4.9V. The CTL signal needs to remain
above 4.9V for more than 200µs. The level and timing
needed to program the non-volatile memory is given in
Figure 2. It then takes a maximum of 100ms for the
programming to be completed inside the device.
Programming Time
PT
Full
100
ms
SET Voltage Resolution
SETVR
(Note 4)
Full
7
7
7
Bits
SET Differential Nonlinearity
SETDN
Monotonic Over Temperature
Full
-
-
±1LSB
SET Zero-Scale Error
SETZSE
Full
-
-
±2LSB
SET Full-Scale Error
SETFSE
Full
-
-
±8LSB
SET Current
ISET
Through RSET (Note 7)
Full
-
20
-
μA
SET External Resistance
SETER
To GND, AVDD = 20V
Full
10
-
200
k
Ω
To GND, AVDD = 4.5V
Full
2.25
-
45
k
Ω
AVDD to SET Voltage Attenuation
AVDD to SET
Full
-
1:20
-
V/V
OUT Settling Time
OUTST
to
±0.5 LSB Error Band (Note 5)
Full
-
20
-
μs
OUT Voltage Range
VOUT
Full
VSET +
0.5V
-13
V
OUT Voltage Drift
OUTVD
(Note 5)
25 to 55
-
<10
-
mV
NOTES:
2. CTL signal only needs to be greater than 4.9V to program EEPROM.
3. Tested at AVDD = 20V.
4. The Counter value is set to mid-scale
±4 LSB’s in the Production.
5. Simulated and Determined via Design and NOT Directly Tested.
6. Simulated Maximum Current Draw when Programming EEPROM is 23mA, should be considered when designing Power Supply.
7. A Typical Current of 20
μA is Calculated using the AVDD = 10V and RSET = 24.9kΩ. The maximum suggested SET Current should be 120μA.
Electrical Specifications
Test Conditions: VDD = 3V, AVDD = 10V, OUT = 5V, RSET = 24.9kΩ; Unless Otherwise Specified.
Typicals are at TA = +25°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
RSET
FIGURE 1. VCOM ADJUSTMENT IN AN LCD PANEL
ISL45042
SET
OUT
AVDD
R1
R2
AVDD
ISink
VCOM
SINGLE PIXEL
CTL
CE
IN LCD PANEL
+
-
COLUMN
DRIVER
ISL45042


Similar Part No. - ISL45042

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
353Kb / 9P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A Datasheet
141Kb / 8P
   LCD Module Calibrator
More results

Similar Description - ISL45042

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_11 Datasheet
353Kb / 9P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com