Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL4489E_06 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL4489E_06
Description  ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
6
FN6074.3
Test Circuits and Waveforms
FIGURE 1. DRIVER VOD AND VOC
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
D
DE
DI
VCC
VOD
VOC
R
R
Z
Y
D
DE
DI
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Z
Y
CL = 100pF
OUT (Y)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Z)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH (Y or Z) - tPHL (Z or Y)|
ISL4489E, ISL4491E




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL8487E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8487_061/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8483E_05ESD Protected to ±15kV 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8483_065V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL83483_043.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ST485E_07±15KV ESD protected low power RS-485/RS-422 transceiver 1 2 3 4 5 MoreSTMicroelectronics
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
SP3080E-3088EAdvanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load Slew-Rate Limited ±15kV ESD-Protected 1 2 3 4 5 MoreSipex Corporation
MP4401HIGH POWER HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING 1 2 3 4 5 MoreToshiba Semiconductor
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl