Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1019-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1019-BD
Description  17.0-24.0 GHz GaAs MMIC Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1019-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XP1019-BD Datasheet HTML 1Page - Mimix Broadband XP1019-BD Datasheet HTML 2Page - Mimix Broadband XP1019-BD Datasheet HTML 3Page - Mimix Broadband XP1019-BD Datasheet HTML 4Page - Mimix Broadband XP1019-BD Datasheet HTML 5Page - Mimix Broadband XP1019-BD Datasheet HTML 6Page - Mimix Broadband XP1019-BD Datasheet HTML 7Page - Mimix Broadband XP1019-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Mimix Broadband’s three stage 17.0-24.0 GHz GaAs
MMIC buffer amplifier has a small signal gain of 18.0
dB with a +27.0 dBm P1dB output compression point
across much of the band. The device also includes an
on-chip temperature compensated output power
detector. This MMIC uses Mimix Broadband’s 0.15 µm
GaAs PHEMT device model technology, and is based
upon electron beam lithography to ensure high
repeatability and uniformity. The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die
attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM
and VSAT applications.
17.0-24.0 GHz GaAs MMIC
Power Amplifier
Excellent Transmit Output Stage
Temperature Compensated Output Detector
18.0 dB Small Signal Gain
+27.0 dBm P1dB Compression Point
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
General Description
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,2,3)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
145, 290, 580 mA
+0.3 VDC
+19.0 dBm
-65 to +165 OC
-55 to MTTF Graph1
MTTF Graph1
Chip Device Layout
Page 1 of 8
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Output Power for 1dB Compression (P1dB)
Drain Bias Voltage (Vd1,2,3) (Vdet)
Gate Bias Voltage (Vg1,2,3)
Supply Current (Id1) (Vd=5.0V, Vg=-0.7V Typical)
Supply Current (Id2) (Vd=5.0V, Vg=-0.7V Typical)
Supply Current (Id3) (Vd=5.0V, Vg=-0.7V Typical)
Detector (diff ) Output at 20 dBm3
Units
GHz
dB
dB
dB
dB
dB
dBm
VDC
VDC
mA
mA
mA
VDC
Min.
17.0
-
-
-
-
-
-
-
-1.0
-
-
-
-
Typ.
-
9.0
10.0
18.0
+/-1.0
45.0
+27.0
+5.0
-0.7
100
200
400
0.38
Max.
24.0
-
-
-
-
-
-
+5.5
0.0
120
240
480
-
(2) Measured using constant current.
(3) Measured with Vd4=5.0V
2
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
July 2006 - Rev 30-Jul-06
P1019-BD


Similar Part No. - XP1019-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1019-BD MIMIX-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1019-BD MIMIX-XP1019-BD_08 Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD_15 Datasheet
292Kb / 8P
   Power Amplifier
More results

Similar Description - XP1019-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1019-BD MIMIX-XP1019-BD_08 Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1010 MIMIX-XP1010 Datasheet
170Kb / 7P
   21.0-24.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
   17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1013 MIMIX-XP1013 Datasheet
1Mb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com