Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1006-FA Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1006-FA
Description  8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1006-FA Datasheet(HTML) 2 Page - Mimix Broadband

  XP1006-FA Datasheet HTML 1Page - Mimix Broadband XP1006-FA Datasheet HTML 2Page - Mimix Broadband XP1006-FA Datasheet HTML 3Page - Mimix Broadband XP1006-FA Datasheet HTML 4Page - Mimix Broadband XP1006-FA Datasheet HTML 5Page - Mimix Broadband XP1006-FA Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
August 2006 - Rev 16-Aug-06
Page 2 of 6
Power Amplifier Measurements (Pulsed Mode F=10kHz, Duty Cycle=5%,TA=25ºC)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
8.5-11.0 GHz GaAs Power Amplifier
Flange, 10 pin
P1006-FA
Psat (dBm), Pin = 19 dBm (25 devices)
0
5
10
15
20
25
30
35
40
45
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Psat (dBm), Pin = 19 dBm (25 devices)
34
35
36
37
38
39
40
41
42
43
44
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Large Signal Gain (dB), Pin = 19 dBm (25 devices)
0
5
10
15
20
25
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Large Signal Gain (dB), Pin = 19 dBm (25 devices)
15
16
17
18
19
20
21
22
23
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
PAE (%), Pin = 19 dBm (25 devices)
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)
Drain Currents (A), 5 us pulse, Pin = 19 dBm (25 devices)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Freq (GHz)


Similar Part No. - XP1006-FA

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-0N00 MIMIX-XP1006-FA-0N00 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-EV1 MIMIX-XP1006-FA-EV1 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA_07 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
More results

Similar Description - XP1006-FA

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA_07 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1014-BD MIMIX-XP1014-BD Datasheet
136Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006-BD MIMIX-XP1006-BD Datasheet
225Kb / 8P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
logo
Tyco Electronics
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
logo
Mimix Broadband
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Mimix Broadband
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com