Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNX82A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # CNX82A
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX82A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CNX82A_1 Datasheet HTML 1Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 2Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 3Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 4Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 5Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 6Page - Fairchild Semiconductor CNX82A_1 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
4/13/00
200024D
CNX82A.W, CNX83A.W, SL5582.W & SL5583.W
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Units
(IF = 10 mA, VCE = 0.4 V)
ALL
40
CNX82A.W
40
250
(IF = 10 mA, VCE = 5 V)
CNX83A.W
SL5582.W
40
320
SL5583.W
Current Transfer Ratio,
(IF = 10 mA, VCE = 5 V)
SL5582.W
25
320
Collector-Emitter
(TA = 100°C)
CTR
SL5583.W
%
(IF = 1 mA, VCE = 5 V)
CNX82A.W
10
100
CNX83A.W
(IF = 2 mA, VCE = 5 V)
SL5582.W
20
SL5583.W
(IF = 2 mA, VCE = 5 V)
SL5582.W
15
(TA = 100°C)
SL5583.W
Saturation Voltage
(IF = 10 mA, IC = 4 mA)
VCE(sat)
ALL
0.19
0.4
V
(IC = 2 mA, VCC = 5 V, RL = 100 !)
ALL
3
Turn-on Time
(IC = 2 mA, VCC = 5 V, RL = 1 k!)
ton
ALL
12
µs
(IF = 16 mA, VCC = 5 V, RL = 1 k!)
SL5582.W
20
SL5583.W
(IC = 2 mA, VCC = 5 V, RL = 100 !)
ALL
3
Turn-off Time
(IC = 2 mA, VCC = 5 V, RL = 1 k!)
toff
ALL
12
µs
(IF = 16 mA, VCC = 5 V, RL = 1 k!)
SL5582.W
50
SL5583.W
TRANSFER CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Input-Output Isolation Voltage
(II-O "#1 µA, 1 min.)
VISO
5300
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
!
Isolation Capacitance
(VI-O = $, f = 1 MHz)
CISO
0.5
pf
External air gap (clearance)
9.6
mm
External tracking path (creepage)
8.0
mm
Internal plastic gap (clearance)
1.0
mm
ISOLATION CHARACTERISTICS
Note
** Typical values at TA = 25°C
300
.300W
VDE 0884
Order
Entry
Option
Identifier
Description
ORDERING INFORMATION


Similar Part No. - CNX82A_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNX82A.300W FAIRCHILD-CNX82A.300W Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNX82A.W QT-CNX82A.W Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
More results

Similar Description - CNX82A_1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com