Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CGB7009-SP-0000 Datasheet(PDF) 5 Page - Mimix Broadband

Part # PB-CGB7009-SP-0000
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB7009-SP-0000 Datasheet(HTML) 5 Page - Mimix Broadband

  PB-CGB7009-SP-0000 Datasheet HTML 1Page - Mimix Broadband PB-CGB7009-SP-0000 Datasheet HTML 2Page - Mimix Broadband PB-CGB7009-SP-0000 Datasheet HTML 3Page - Mimix Broadband PB-CGB7009-SP-0000 Datasheet HTML 4Page - Mimix Broadband PB-CGB7009-SP-0000 Datasheet HTML 5Page - Mimix Broadband PB-CGB7009-SP-0000 Datasheet HTML 6Page - Mimix Broadband PB-CGB7009-SP-0000 Datasheet HTML 7Page - Mimix Broadband PB-CGB7009-SP-0000 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7009-SC (-BD)
Typical Scattering Parameters
(Vd = +5.4V, Icc = 73.5 mA, T = 23°C, device in a 50 ohm system)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.280
118.5
4.35
-58.0
0.201
-89.6
0.247
109.4
5200
0.278
112.4
4.33
-62.4
0.204
-92.5
0.254
102.7
5300
0.277
105.7
4.31
-66.9
0.208
-95.5
0.264
95.7
5400
0.277
98.4
4.29
-71.5
0.211
-98.6
0.273
88.3
5500
0.278
90.9
4.26
-76.0
0.214
-101.8
0.283
81.0
5600
0.280
83.4
4.24
-80.6
0.218
-105.0
0.295
74.1
5700
0.283
75.7
4.21
-85.3
0.221
-108.3
0.309
67.3
5800
0.287
67.7
4.19
-90.1
0.224
-111.7
0.325
60.0
5900
0.290
59.2
4.15
-95.0
0.226
-115.2
0.341
52.8
6000
0.297
50.7
4.12
-99.8
0.229
-118.7
0.359
45.9
6100
0.306
42.3
4.08
-104.7
0.231
-122.3
0.378
39.1
6200
0.316
34.2
4.04
-109.6
0.232
-125.9
0.398
32.4
6300
0.326
26.1
3.99
-114.6
0.234
-129.6
0.418
26.1
6400
0.337
17.8
3.94
-119.6
0.235-133.3
0.441
19.8
6500
0.351
9.7
3.88
-124.7
0.236-137.1
0.463
13.4
6600
0.366
2.0
3.82
-129.7
0.236
-140.9
0.485
7.3
6700
0.382
-5.33.76
-134.7
0.236
-144.6
0.507
1.6
6800
0.396
-12.4
3.69
-139.8
0.235
-148.4
0.530
-4.0
6900
0.411
-19.5
3.61
-144.8
0.234
-152.2
0.552
-9.6
7000
0.427
-26.6
3.53
-149.9
0.232
-156.0
0.574
-15.2
7100
0.443
-33.33.45
-154.8
0.230
-159.8
0.594
-20.6
7200
0.459
-39.6
3.36
-159.8
0.228
-163.5
0.614
-25.9
7300
0.473
-45.6
3.28
-164.6
0.225
-167.2
0.631-30.9
7400
0.486
-51.7
3.19
-169.5
0.222
-170.9
0.649
-35.8
7500
0.500
-57.7
3.09
-174.3
0.219
-174.5
0.666
-40.7
7600
0.515
-63.4
3.00
-179.0
0.215
-178.0
0.682
-45.5
7700
0.528
-68.7
2.91
176.3
0.211
178.7
0.696
-50.2
7800
0.539-73.7
2.81
171.8
0.207
175.3
0.708
-54.6
7900
0.547
-78.6
2.72
167.3
0.203
172.0
0.720
-58.8
8000
0.556
-83.6
2.63
162.8
0.198
168.8
0.731
-62.9
8100
0.565
-88.5
2.54
158.4
0.194
165.7
0.742
-67.0
8200
0.574
-92.9
2.45
154.2
0.189
162.7
0.752
-71.0
8300
0.580
-97.1
2.37
150.1
0.185
159.9
0.760
-74.7
8400
0.583
-101.1
2.29
146.0
0.181
156.9
0.766
-78.3
8500
0.586
-105.3
2.21
141.9
0.177
154.1
0.772
-81.7
8600
0.589
-109.5
2.13
137.9
0.173
151.4
0.778
-85.2
8700
0.593
-113.4
2.06
134.0
0.168
148.7
0.783
-88.6
8800
0.595
-116.9
1.99
130.2
0.164
146.2
0.788
-91.8
8900
0.594
-120.5
1.92
126.4
0.161
143.9
0.790
-94.8
9000
0.591
-124.1
1.86
122.7
0.157
141.4
0.793
-97.7
9100
0.590
-127.9
1.80
118.9
0.154
139.0
0.795
-100.7
9200
0.589
-131.6
1.74
115.1
0.150
136.6
0.799
-103.6
9300
0.588
-134.8
1.68
111.5
0.146
134.4
0.801
-106.4
9400
0.584
-137.9
1.63
107.9
0.143
132.2
0.803
-109.2
9500
0.578
-141.2
1.58
104.3
0.140
130.1
0.803
-111.8
9600
0.572
-144.7
1.53
100.8
0.137
128.0
0.803
-114.4
9700
0.568
-148.1
1.48
97.2
0.134
125.8
0.804
-117.0
9800
0.564
-151.2
1.43
93.7
0.131123.8
0.805
-119.5
9900
0.558
-154.0
1.38
90.3
0.128
122.1
0.805
-122.0
10000
0.549
-156.7
1.34
86.9
0.125
120.3
0.806
-124.3
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
August 2006 - Rev 27-Aug-06


Similar Part No. - PB-CGB7009-SP-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB7009-SP-0000 MIMIX-PB-CGB7009-SP-0000 Datasheet
534Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - PB-CGB7009-SP-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC_07 Datasheet
222Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7001-SC_0609 MIMIX-CGB7001-SC_0609 Datasheet
750Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC Datasheet
473Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7005-SC MIMIX-CGB7005-SC Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC Datasheet
541Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-SC_0609 MIMIX-CGB7010-SC_0609 Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7004-SC_0608 MIMIX-CGB7004-SC_0608 Datasheet
513Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com