Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1009-BD-000V Datasheet(PDF) 4 Page - Mimix Broadband

Part # XB1009-BD-000V
Description  14.0-30.0 GHz GaAs MMIC Buffer Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1009-BD-000V Datasheet(HTML) 4 Page - Mimix Broadband

  XB1009-BD-000V Datasheet HTML 1Page - Mimix Broadband XB1009-BD-000V Datasheet HTML 2Page - Mimix Broadband XB1009-BD-000V Datasheet HTML 3Page - Mimix Broadband XB1009-BD-000V Datasheet HTML 4Page - Mimix Broadband XB1009-BD-000V Datasheet HTML 5Page - Mimix Broadband XB1009-BD-000V Datasheet HTML 6Page - Mimix Broadband XB1009-BD-000V Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RF In
RF Out
1
2
3
4
5
6
Vd1
Vd2
Vg1
Vg2
1.330
(0.052)
1
2
3
4
5
0.483
(0.019)
1.084
(0.043)
1.600
(0.063)
1.070
(0.042)
0.0
0.0
0.620
(0.024)
0.498
(0.020)
6
0.468
(0.018)
Page 4 of 7
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 20MPA5007)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All DC Bond Pads (except Vd3) are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads (and Vd3) are 0.100 x 0.200 (0.004 x 0.008)
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.319 mg.
Bond Pad #1 (RF In)
Bond Pad #2 (Vd1)
Bond Pad #3 (Vd2)
Bond Pad #4 (RF Out)
Bond Pad #5 (Vg1)
Bond Pad #6 (Vg2)
14.0-30.0 GHz GaAs MMIC
Buffer Amplifier
B1009-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 05-Feb-07


Similar Part No. - XB1009-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
XB1009-QT-0G00 MIMIX-XB1009-QT-0G00 Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
XB1009-QT-EV1 MIMIX-XB1009-QT-EV1 Datasheet
267Kb / 8P
   12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results

Similar Description - XB1009-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1004-BD MIMIX-XB1004-BD Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
XB1004 MIMIX-XB1004 Datasheet
450Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
CMM3030-BD MIMIX-CMM3030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
CMM0511-QT MIMIX-CMM0511-QT_10 Datasheet
1Mb / 6P
   5.0-14.0 GHz GaAs MMIC
XP1017 MIMIX-XP1017 Datasheet
251Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
CMM2030-BD MIMIX-CMM2030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
XP1017-BD MIMIX-XP1017-BD Datasheet
595Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
CMM0511-QT MIMIX-CMM0511-QT_08 Datasheet
443Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
XP1017-BD MIMIX-XP1017-BD_10 Datasheet
1Mb / 8P
   30.0-36.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com