Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1005-BD-000V Datasheet(PDF) 3 Page - Mimix Broadband

Part # XB1005-BD-000V
Description  35.0-45.0 GHz GaAs MMIC Buffer Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1005-BD-000V Datasheet(HTML) 3 Page - Mimix Broadband

  XB1005-BD-000V Datasheet HTML 1Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 2Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 3Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 4Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 5Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 6Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 7Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 8Page - Mimix Broadband XB1005-BD-000V Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
35.0-45.0 GHz GaAs MMIC
Buffer Amplifier
Page 3 of 12
Buffer Amplifier Measurements (cont.)
XB1005 Vd1,2,3=4.5 V Id1=28 mA, Id2=42 mA, Id3=84 mA
~1080 Devices
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1005 Vd1,2,3=4.5 V Id1=28 mA, Id2=42 mA, Id3=84 mA
~1120 Devices
-70
-60
-50
-40
-30
-20
-10
0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1005 Vd1,2,3=4.5 V Id1=28 mA, Id2=42 mA, Id3=84 mA
~1100 Devices
-25
-20
-15
-10
-5
0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1005 Vd1,2,3=4.5 V Id1=28 mA, Id2=42 mA, Id3=84 mA
~1080 Devices
-35
-30
-25
-20
-15
-10
-5
0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1005 Vd1,2,3=4.5 V Id1=28 mA, Id2=42 mA, Id3=84 mA
~1000 Devices
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XB1005 Vd1,2,3=4.5 V Id1=28 mA, Id2=42 mA, Id3=84 mA
~310 Devices
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
47.0
48.0
49.0
50.0
Frequency (GHz)
Max
Median
Mean
Min
XB1005 Vd1,2,3=4.5 V Id1=28 mA, Id2=42 mA, Id3=84 mA
~1800 Devices
14
15
16
17
18
19
20
21
22
23
24
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
Frequency (GHz)
Max
Median
Mean
-3sigma
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 06-Mar-07
B1005-BD


Similar Part No. - XB1005-BD-000V

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XB1005-BD MA-COM-XB1005-BD Datasheet
1Mb / 14P
   Buffer Amplifier
XB1005-BD MA-COM-XB1005-BD_15 Datasheet
1Mb / 14P
   Buffer Amplifier
More results

Similar Description - XB1005-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
   35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
   35.0-45.0 GHz GaAs MMIC Power Amplifier
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
XL1004-BD MIMIX-XL1004-BD Datasheet
159Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
   27.0-35.0 GHz GaAs MMIC Power Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
XP1005 MIMIX-XP1005 Datasheet
426Kb / 7P
   35.0-43.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
   27.0-35.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com