Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL83483_04 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL83483_04
Description  3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
6
Three-State (high impedance)
Receiver Output Current
IOZR
0.4V
≤ VO ≤ 2.4V
Full
-1
-
1
µA
Receiver Input Resistance
RIN
-7V
≤ V
CM ≤ 12V
Full
12
19
-
k
No-Load Supply Current (Note 3)
ICC
DI = 0V or VCC
DE = VCC,
RE = 0V
or VCC
Full
-
0.75
1.2
mA
DE = 0V,
RE = 0V
Full
-
0.65
1
mA
Shutdown Supply Current
(Except ISL83488 and ISL83490)
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
15
100
nA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note 4)
Full
-
-
250
mA
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
8
-
60
mA
DRIVER SWITCHING CHARACTERISTICS (ISL83485, ISL83490, ISL83491)
Maximum Data Rate
fMAX
Full
12
15
-
Mbps
Driver Differential Output Delay
tDD
RDIFF = 60Ω, CL = 15pF (Figure 2A)
Full
1
10
35
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 60Ω, CL = 15pF (Figure 2A)
Full
3
5
20
ns
Driver Input to Output Delay
tPLH, tPHL RL = 27Ω, CL = 15pF (Figure 2C)
Full
6
10
35
ns
Driver Output Skew
tSKEW
RL = 27Ω, CL = 15pF (Figure 2C)
Full
-
1
8
ns
Driver Enable to Output High
(Except ISL83490)
tZH
RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
(Note 5)
Full
-
45
90
ns
Driver Enable to Output Low
(Except ISL83490)
tZL
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 5)
Full
-
45
90
ns
Driver Disable from Output High
(Except ISL83490)
tHZ
RL = 110Ω, CL = 50pF, SW = GND (Figure 3)
25
-
65
80
ns
Full
-
-
110
ns
Driver Disable from Output Low
(Except ISL83490)
tLZ
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3)
25
-
65
80
ns
Full
-
-
110
ns
Driver Enable from Shutdown to
Output High (Except ISL83490)
tZH(SHDN) RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 7, 8)
Full
-
115
150
ns
Driver Enable from Shutdown to
Output Low (Except ISL83490)
tZL(SHDN) RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 7, 8)
Full
-
115
150
ns
DRIVER SWITCHING CHARACTERISTICS (ISL83483, ISL83488)
Maximum Data Rate
fMAX
Full
250
-
-
kbps
Driver Differential Output Delay
tDD
RDIFF = 60Ω, CL = 15pF (Figure 2A)
Full
600
930
1400
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 60Ω, CL = 15pF (Figure 2A)
Full
400
900
1200
ns
Driver Input to Output Delay
tPLH, tPHL RL = 27Ω, CL = 15pF (Figure 2C)
25
600
930
1500
ns
Full
400
-
1500
ns
Driver Output Skew
tSKEW
RL = 27Ω, CL = 15pF (Figure 2C)
Full
-
140
-
ns
Driver Enable to Output High
(Except ISL83488)
tZH
RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
(Note 5)
Full
-
385
800
ns
Driver Enable to Output Low
(Except ISL83488)
tZL
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 5)
Full
-
55
800
ns
Driver Disable from Output High
(Except ISL83488)
tHZ
RL = 110Ω, CL = 50pF, SW = GND (Figure 3)
25
-
63
80
ns
Full
-
-
110
ns
Electrical Specifications
Test Conditions: VCC = 3V to 3.6V; Unless Otherwise Specified. Typicals are at VCC = 3.3V, TA = 25oC,
Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ISL83483, ISL83485, ISL83488, ISL83490, ISL83491




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL8483_065V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8483E_05ESD Protected to ±15kV 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8487_061/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8487E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
SY88982L3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers 1 2 3 4 5 MoreMicrel Semiconductor
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
ADM3835 V Low Power Slew-Rate Limited RS-485/RS-422 Transceiver 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl