Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSRX-1823 Datasheet(PDF) 1 Page - Mimix Broadband

Part # MSRX-1823
Description  GaAs MMIC Receiver - NEW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

MSRX-1823 Datasheet(HTML) 1 Page - Mimix Broadband

  MSRX-1823 Datasheet HTML 1Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GaAs MMIC Receiver - NEW
General Description
MSRX-1823
June 2005 - Rev 01-Jun-05
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. Ð2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Specifications
Parameter
RF Frequency
LO Frequency (x2)
IF Frequency
RF Input Return Loss
Input P1dB
Conversion Gain
Image Reject
Noise Figure
LO power level
(x2) LO Isolation @RF port
VSupply
ISupply
RF Interface
LO Interface
IF Interface
23 GHz
21.2 - 23.6
9.25 - 10.9 (USB)
< -15
> -17
26 (USB)
< -18 (USB)
3.2 (USB)
< -50
1.8 - 2.7
-2 - +2
+8
350
WR42
SMA (f)
SMA (f)
The MSRX-1823 is a low cost, highly integrated MMIC-based receiver, suitable for use in the 18 GHz and 23 GHz microwave radio
bands. The receiver design is based on one MMIC chip from Mimix Broadband, the XR1006 receiver. Features in the MMIC are low
noise, sub-harmonic mixing, image rejection, and LO buffering. Typical performance of the module includes < 3.5 dB noise figure,
>15 dB image rejection, 26 dB conversion gain, and 15 dB RF return loss. The module's RF interface is a standard WR-42 flange, with
LO input and IF output connections made using SMA connectors. A 90º hybrid coupler combines the quadrature IF outputs from the
MMIC to achieve image rejection, followed by a non-reflective RF switch. The upper and lower sideband can be selected easily using
a RF switch and a single control voltage, followed by an IF amplifier. The module accepts a single +8V supply with 0 / 5 V band
selection control voltage.
Block Diagram
Sub-Harmonic
Image Reject Mixer
I
Q
XR1006
LO IN (-2 - 2 dBm)
7.5 - 11.5 GHz
90o Hybrid
Coupler
G
IF OUT
1.8 - 2.7 GHz
RF INPUT
17.7 - 23.6 GHz
LNA
Non-reflective
IF switch
G
IF amplifier
WR42 interface
SMA
SMA
Unit
GHz
GHz
GHz
dB
dBm
dB
dB
dB
dBm
dBc
V
mA
18 GHz
17.7 - 19.7
7.5-8.95 (USB)
9.75-11.2 (LSB)
< -15
> -17
26 (LSB)
26 (USB)
< -15 (LSB)
< -27 (USB)
3.5 (LSB)
3.5 (USB)
< -50
For a complete 18 and 23 GHz transceiver solution, please see
the datasheet on the MSTX-1823.


Similar Part No. - MSRX-1823

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
MSR MACOM-MSR Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
MSR MACOM-MSR Datasheet
63Kb / 1P
   Miniature Power PCB Relay MSR / V23061
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
logo
Riedon Powertron
MSR RIEDON-MSR Datasheet
130Kb / 1P
   Bare Metal Element Resistors
More results

Similar Description - MSRX-1823

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1004 MIMIX-XR1004_06 Datasheet
231Kb / 7P
   30.0-46.0 GHz GaAs MMIC Receiver
XR1002-BD MIMIX-XR1002-BD Datasheet
433Kb / 10P
   17.65-33.65 GHz GaAs MMIC Receiver
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XR1002 MIMIX-XR1002 Datasheet
402Kb / 10P
   18.0-34.0 GHz GaAs MMIC Receiver
XR1006-BD MIMIX-XR1006-BD Datasheet
208Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
XR1001-BD MIMIX-XR1001-BD Datasheet
288Kb / 8P
   33.0-40.0 GHz GaAs MMIC Receiver
logo
M/A-COM Technology Solu...
XR1011-BD MA-COM-XR1011-BD Datasheet
370Kb / 5P
   4.5-10.5 GHz GaAs MMIC Receiver
logo
Mimix Broadband
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
XR1011-BD MIMIX-XR1011-BD Datasheet
163Kb / 1P
   4.5-10.5 GHz GaAs MMIC Receiver
XR1006 MIMIX-XR1006 Datasheet
352Kb / 7P
   18.0-25.0 GHz GaAs MMIC Receiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com