Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMM6004-AH-00C0 Datasheet(PDF) 3 Page - Mimix Broadband

Part # PB-CMM6004-AH-00C0
Description  0.25-6.0 GHz High Dynamic Range Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMM6004-AH-00C0 Datasheet(HTML) 3 Page - Mimix Broadband

  PB-CMM6004-AH-00C0 Datasheet HTML 1Page - Mimix Broadband PB-CMM6004-AH-00C0 Datasheet HTML 2Page - Mimix Broadband PB-CMM6004-AH-00C0 Datasheet HTML 3Page - Mimix Broadband PB-CMM6004-AH-00C0 Datasheet HTML 4Page - Mimix Broadband PB-CMM6004-AH-00C0 Datasheet HTML 5Page - Mimix Broadband PB-CMM6004-AH-00C0 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
Application Circuit (2.1 GHz)
Typical Performance
0.25-6.0 GHz
High Dynamic Range Amplifier
CMM6004-AH
Frequency
Gain
Input Return Loss
Output Return Loss
OIP3
Noise Figure
Bias
2.1 GHz
15.8 dB
-14 dB
-16.5 dB
40 dBm
2.95 dB
Vds = 5V, Id = 175 mA
Circuit Board Parts List
Part
Reference
Type
Designator
Description
Inductor
L1
0603, ±0.3, 1.8 nH
Inductor
L2
0603, 22 nH
Capacitor
C1, C4
SMD 0805 NPO, 100 pF
Capacitor
C2
0603, 1 pF
Capacitor
C3
SMD 0603, 50V ±0.1 pF 1.5 pF
RF
OUT
C3
1.5 pF
C4
100 pF
L2
22 nH
Vcc
5V
C2
1.0 pF
L1
1.8 nH
RF
IN
2.1 GHz
CMM6004-AH
T1
50 ? 33°
OUTPUT
MATCHING
NETWORK
INPUT MATCHING
NETWORK
C1
100 pF
IP3 measured with 2 tones at an output power of 5
dBm/tone separated by 10 MHz
Gain, Input Return Loss and Output Return Loss
vs Frequency
Typical Performance (50 Ohm System)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 10-Feb-07


Similar Part No. - PB-CMM6004-AH-00C0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMM6004-AH-00C0 MIMIX-PB-CMM6004-AH-00C0 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
More results

Similar Description - PB-CMM6004-AH-00C0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
List of Unclassifed Man...
CMM6004-AH ETC-CMM6004-AH Datasheet
535Kb / 6P
   0.25 to 6.0 GHz High Dynamic Range Amplifier
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
   0.25-6 GHz High Dynamic Range Driver Amplifier
logo
List of Unclassifed Man...
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
   0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Analog Devices
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
   6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
logo
Skyworks Solutions Inc.
SKY65038-70LF SKYWORKS-SKY65038-70LF Datasheet
239Kb / 14P
   0.25-6.0 GHz Low Noise Amplifier
logo
Mimix Broadband
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com