Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMM6004-SC-00A0 Datasheet(PDF) 9 Page - Mimix Broadband

Part # PB-CMM6004-SC-00A0
Description  0.25-3.0 GHz High Dynamic Range Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMM6004-SC-00A0 Datasheet(HTML) 9 Page - Mimix Broadband

Back Button PB-CMM6004-SC-00A0 Datasheet HTML 2Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 3Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 4Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 5Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 6Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 7Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 8Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 9Page - Mimix Broadband PB-CMM6004-SC-00A0 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0.25-3.0 GHz
High Dynamic Range Amplifier
Page 9 of 10
Physical Dimensions
CMM6004-SC
12
3
4
DIMENSIONS IN MILLIMETERS
[INCHES]
4.50
[0.177]
1.73
[0.068]
0.46
[0.18]
3X
1.50
[0.059]
3.00
[0.118]
0.76
[0.030]
0.38
[0.015]
0.38
[0.015]
4.41
[0.163]
1.55
[0.061]
2.50
[0.096]
0.71
[0.028]
0.99
[0.039]
0.58
[0.023]
0.64
[0.025]
0.86
[0.034]
1.27
[0.050]
3.48
[0.137]
5.33
[0.210]
3.86
[0.152]
1.70
[0.067]
2.06
[0.081]
0.41
[0.016]
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2007 - Rev 15-Jan-07
XXXXP
aaaaaaa
CYYWW
‘XXXX’ = Part Number
(4 chars max)
‘aaaaaaa’ = Lot-Wafer Number
(7 chars max)
‘C’ = Country of Origin
(1 char)
‘YYWW’ = Date Stamp
(year-year-week-week)
‘P’ = Plating Option (1 char)
Example:
Base Part #:
6004
Lot-Wafer #:
5010
Plating Option:
G (matte tin)
Date Code:
2007, week 1
Country of Origin:
Philippines
6004G
5010
P0701


Similar Part No. - PB-CMM6004-SC-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMM6004-SC-00A0 MIMIX-PB-CMM6004-SC-00A0 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
More results

Similar Description - PB-CMM6004-SC-00A0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
   0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
List of Unclassifed Man...
CMM6004-AH ETC-CMM6004-AH Datasheet
535Kb / 6P
   0.25 to 6.0 GHz High Dynamic Range Amplifier
logo
Mimix Broadband
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
   0.25-6 GHz High Dynamic Range Driver Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC Datasheet
111Kb / 5P
   60 MHz - 3.0 GHz High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com