Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMM6004-AH-00B0 Datasheet(PDF) 1 Page - Mimix Broadband

Part # PB-CMM6004-AH-00B0
Description  0.25-6.0 GHz High Dynamic Range Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMM6004-AH-00B0 Datasheet(HTML) 1 Page - Mimix Broadband

  PB-CMM6004-AH-00B0 Datasheet HTML 1Page - Mimix Broadband PB-CMM6004-AH-00B0 Datasheet HTML 2Page - Mimix Broadband PB-CMM6004-AH-00B0 Datasheet HTML 3Page - Mimix Broadband PB-CMM6004-AH-00B0 Datasheet HTML 4Page - Mimix Broadband PB-CMM6004-AH-00B0 Datasheet HTML 5Page - Mimix Broadband PB-CMM6004-AH-00B0 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0.25-6.0 GHz
High Dynamic Range Amplifier
Page 1 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM6004-AH
February 2007 - Rev 10-Feb-07
Features
0.25 to 6.0 GHz Frequency Range
+41 dBm Output IP3
1.7 dB Noise Figure
15 dB Gain
+23 dBm P1dB
LGA Package
Single Power Supply
Single Input Matching
Supply Voltage
RF Input Power*
Storage Temperature
Junction Temperature
Operating Temperature
Thermal Resistance
+6.0 V
+20 dBm
-55ºC to 125ºC
150ºC
-40ºC to +85ºC
50ºC/W
Absolute Maximum Ratings
Wireless Local Loop Transmit and Receive
UNH Transmit and Receive
Dual Band 802.11 WLAN
WiMAX
LAN
Applications
Description
Parameter
Condition
Min
Typ
Max Units
Frequency Range
0.25
6.0
GHz
Gain
Externally matched
13.5
15
dB
Input Return Loss
Externally matched
-10
dB
Output IP3
38
41
dBm
Noise Figure
1.7
dB
Output P1dB
23.0
dBm
Operating Current Range
120
150
180
mA
Supply Voltage
5.0
V
Unless otherwise specified,the following specifications are guaranteed at room temperature in a Mimix test fixture.
Notes:
1. T = 25ºC, Vdd = 5V, Frequency = 2 GHz, 50 Ohm system.
2. OIP3 measured with two tones at output power of 5 dBm/tone separated by 10 MHz.
Electrical Characteristics (T=25ºC)
The CMM6004-AH is a high dynamic range amplifier designed for
applications operating within the 0.25 to 6.0 GHz frequency
range. It is an ideal solution for numerous transmit and receive
functions in wireless local loop (WLL) and UNH applications
where high linearity is required.
The amplifier has the flexibility of being optimized for a number
of wireless applications. It is an ideal solution when used as a
driver amplifier in applications including cellular and PCS
(personal communications services) operating from 0.8 to 2.2
GHz; MMDS (multichannel multipoint distribution systems)
operating from 2.2 to 2.7 GHz; WLAN (wireless LAN) operating at
2.4 GHz; WLL (wireless local loop) operating at 3.5 GHz; and
HiperLAN (high performance LAN) and U-NII (unlicensed national
information infrastructure) operating from 5.0 to 6.0 GHz.
The CMM6004-AH is packaged in a low-cost, space efficient,
Land Grid Array (LGA) package which provides excellent
electrical stability and low thermal resistance. All devices are
100% RF and DC tested. With single input matching the part
simplifies design by keeping board space and cost to a
minimum.
Functional Block Diagram
ALL OTHER PINS GROUNDED
(BIAS)
OUTPUT
Pin 1
INPUT
Operation of this device above any of these parameters may cause
permanent damage.
*Operation with more than 10 dBm of RF input power may cause 2 dB
degradation in OIP3 performance.


Similar Part No. - PB-CMM6004-AH-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMM6004-AH-00B0 MIMIX-PB-CMM6004-AH-00B0 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
More results

Similar Description - PB-CMM6004-AH-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
List of Unclassifed Man...
CMM6004-AH ETC-CMM6004-AH Datasheet
535Kb / 6P
   0.25 to 6.0 GHz High Dynamic Range Amplifier
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
   0.25-6 GHz High Dynamic Range Driver Amplifier
logo
List of Unclassifed Man...
CMM6004-SC ETC-CMM6004-SC Datasheet
510Kb / 7P
   0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
logo
Analog Devices
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
   6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
logo
Skyworks Solutions Inc.
SKY65038-70LF SKYWORKS-SKY65038-70LF Datasheet
239Kb / 14P
   0.25-6.0 GHz Low Noise Amplifier
logo
Mimix Broadband
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com