Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMQ1332-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMQ1332-QH
Description  12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMQ1332-QH Datasheet(HTML) 2 Page - Mimix Broadband

  CMQ1332-QH Datasheet HTML 1Page - Mimix Broadband CMQ1332-QH Datasheet HTML 2Page - Mimix Broadband CMQ1332-QH Datasheet HTML 3Page - Mimix Broadband CMQ1332-QH Datasheet HTML 4Page - Mimix Broadband CMQ1332-QH Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 2 of 5
Typical Performance
12.5-14.5 GHz
1.5W QFN Plastic Packaged Power Amplifier
September 2006 - Rev 17-Sep-06
CMQ1332-QH
Psat
Vd = 7V, Iq = 770mA, Pin = 5dBm
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
12.5
13
13.5
14
14.5
Frequency (GHz)
Psat
Small Signal Performance
6
V, 770mA
-15
-10
-5
0
5
10
15
20
25
30
35
10
11
12
13
14
15
16
17
18
Frequency (GHz)
-20
-15
-10
-5
0
5
10
15
20
25
30
S21
S11
S22


Similar Part No. - CMQ1332-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH-0G00 MIMIX-CMQ1332-QH-0G00 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH-0G0T MIMIX-CMQ1332-QH-0G0T Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH_07 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
More results

Similar Description - CMQ1332-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1332-QH MIMIX-CMQ1332-QH_07 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH Datasheet
779Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH_08 Datasheet
776Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH MIMIX-CMQ1631-QH Datasheet
332Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH MIMIX-CMQ1631-QH_07 Datasheet
264Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
logo
Tyco Electronics
MA08602FR MACOM-MA08602FR Datasheet
30Kb / 2P
   1W Power Amplifier 14 - 14.5 GHz
logo
Excelics Semiconductor,...
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
   12.5 - 15.5 GHz Power Amplifier MMIC
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
   12.5 - 16.5 GHz Power Amplifier MMIC
logo
Mimix Broadband
XP1058-BD MIMIX-XP1058-BD Datasheet
1Mb / 12P
   14.5-16.0 GHz GaAs MMIC Power Amplifier
logo
Tyco Electronics
MAAPGM0037-DIE MACOM-MAAPGM0037-DIE Datasheet
189Kb / 5P
   Amplifier, Power, 1.0W 6.5-12.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com