Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8483EIPZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8483EIPZ
Description  ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8483EIPZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8483EIPZ Datasheet HTML 2Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 3Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 4Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 5Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 6Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 7Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 8Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 9Page - Intersil Corporation ISL8483EIPZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Driver Enable from Shutdown to
Output Low
tZL(SHDN) CL = 100pF, SW = VCC, (Figure 3), (Notes 7, 8)
Full
-
-
2000
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) CL = 15pF, SW = GND, (Figure 5), (Notes 7, 9)
Full
-
-
2500
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) CL = 15pF, SW = VCC, (Figure 5), (Notes 7, 9)
Full
-
-
2500
ns
ESD PERFORMANCE
RS-485 Pins (A/Y, B/Z)
Human Body Model
25
-
±15
-
kV
All Other Pins
25
-
>
±7-
kV
NOTES:
2. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
3. Supply current specification is valid for loaded drivers when DE = 0V.
4. Applies to peak current. See “Typical Performance Curves” for more information.
5. When testing the ISL8483E, keep RE = 0 to prevent the device from entering SHDN.
6. When testing the ISL8483E, the RE signal high time must be short enough (typically <200ns) to prevent the device from entering SHDN.
7. The ISL8483E is put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns, the parts are guaranteed
not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See “Low-Power
Shutdown Mode” section.
8. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
9. Set the RE signal high time >600ns to ensure that the device enters SHDN.
10. Devices meeting these limits are denoted as “single unit load (1 UL)” transceivers. The RS-485 standard allows up to 32 Unit Loads on the bus.
11. Guaranteed by characterization, but not tested.
Test Circuits and Waveforms
FIGURE 1. DRIVER VOD AND VOC
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25°C, (Note 2) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
D
DE
DI
VCC
VOD
VOC
R
R
Z
Y
ISL8483E, ISL8485E


Similar Part No. - ISL8483EIPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483EIPZ INTERSIL-ISL8483EIPZ Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483EIPZ RENESAS-ISL8483EIPZ Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
More results

Similar Description - ISL8483EIPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com