Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8487IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8487IBZ
Description  1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8487IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8487IBZ Datasheet HTML 1Page - Intersil Corporation ISL8487IBZ Datasheet HTML 2Page - Intersil Corporation ISL8487IBZ Datasheet HTML 3Page - Intersil Corporation ISL8487IBZ Datasheet HTML 4Page - Intersil Corporation ISL8487IBZ Datasheet HTML 5Page - Intersil Corporation ISL8487IBZ Datasheet HTML 6Page - Intersil Corporation ISL8487IBZ Datasheet HTML 7Page - Intersil Corporation ISL8487IBZ Datasheet HTML 8Page - Intersil Corporation ISL8487IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6050.7
July 31, 2006
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
ISL81483, ISL81487
Full
96
-
-
k
Ω
ISL8487
Full
48
-
-
k
Ω
No-Load Supply Current, (Note 3)
ICC
ISL81487, DI, RE = 0V
or VCC
DE = VCC
Full
-
400
500
μA
DE = 0V
Full
-
350
420
μA
ISL8487, ISL81483, DI,
RE = 0V or VCC
DE = VCC
Full
-
160
200
μA
DE = 0V
Full
-
120
145
μA
Shutdown Supply Current
ISHDN
(Note 7), DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
0.5
8
μA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V, (Note 4)
Full
35
-
250
mA
Receiver Short-Circuit Current
IOSR
0V
≤ V
O ≤ VCC
Full
7
-
85
mA
SWITCHING CHARACTERISTICS (ISL81487)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
15
24
50
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
-
2
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
3
12
25
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, (Figure 3)
Full
-
14
70
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, (Figure 3)
Full
-
14
70
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 3)
Full
-
44
70
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 3)
Full
-
21
70
ns
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
30
90
150
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 4)
25
-
5
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, (Figure 5)
Full
-
9
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, (Figure 5)
Full
-
9
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 5)
Full
-
9
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 5)
Full
-
9
50
ns
Maximum Data Rate
fMAX
Full
5
-
-
Mbps
SWITCHING CHARACTERISTICS (ISL8487, ISL81483)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
250
650
2000
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
-
160
800
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
250
900
2000
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, (Figure 3, Note 5)
Full
250
1000
2000
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, (Figure 3, Note 5)
Full
250
860
2000
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 3)
Full
300
660
3000
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 3)
Full
300
640
3000
ns
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
250
500
2000
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 4)
25
-
60
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, (Figure 5, Note 6)
Full
-
10
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, (Figure 5, Note 6)
Full
-
10
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 5)
Full
-
10
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 5)
Full
-
10
50
ns
Maximum Data Rate
fMAX
Full
250
-
-
kbps
Time to Shutdown
tSHDN
(Note 7)
Full
50
120
600
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C,
(Note 2) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL8487, ISL81483, ISL81487


Similar Part No. - ISL8487IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8487IBZ RENESAS-ISL8487IBZ Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8487IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
   3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com