Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5234D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5234D
Description  Matched quad high-performance low-voltage operational amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5234D Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5234D Datasheet HTML 1Page - NXP Semiconductors SA5234D Datasheet HTML 2Page - NXP Semiconductors SA5234D Datasheet HTML 3Page - NXP Semiconductors SA5234D Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA5234
Matched quad high-performance low-voltage
operational amplifier
August 31, 1994
160
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
7
V
VESD
ESD protection voltage at any pin5
human body model
robot model
2000
200
V
V
VS
Dual supply voltage
+3.5
V
VDP
Voltage at any device pin1
VS + 0.5
V
IDP
Current into any device pin1
+ 50
mA
VIN
Differential input voltage2
0.5
V
VCM
Common-mode input voltage (positive)
VCC + 0.5
V
VCM
Common-mode input voltage (negative)
VEE - 0.5
V
PD
Power dissipation3
500
mW
TJ
Operating junction temperature3
+150
°C
VSC
Supply voltage allowing indefinite output short circuit to either rail3,4
7
V
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature (10sec max)
+300
°C
θJA
Thermal impedance
14 pin Plastic DIP
80
°C/W
14 pin Plastic SO
115
°C/W
NOTES:
1. Each pin is protected by ESD diodes. The voltage at any pin is limited by the ESD diodes.
2. The differential input of each amplifier is limited by two internal diodes, connected in parallel and opposite to each other. For more differen-
tial input range, use differential resistors in series with the input pins.
3. The maximum operating junction temperature is +150
°C. At elevated temperatures, devices must be derated according to the package
thermal resistance and device mounting conditions. Derates above +25
°C: F package at 6.7mW/°C; N package at 9.5mW/°C; D package
at 6.25mW/
°C.
4. Simultaneous short circuits of two or more amplifiers to the positive or negative rail can exceed the power dissipation ratings and cause
eventual destruction of the device.
5. Guaranteed by design.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
+2 to +5.5
V
VS
Dual supply voltage
+1 to +2.75
V
VCM
Common-mode input voltage (positive)
VCC + 0.25
V
VCM
Common-mode input voltage (negative)
VEE - 0.25
V
TA
Temperature
NE
0 to +70
°C
SA
-40 to +85
°C


Similar Part No. - SA5234D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5230 PHILIPS-SA5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
SA5230 ONSEMI-SA5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230 ONSEMI-SA5230 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
NXP Semiconductors
SA5230D PHILIPS-SA5230D Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
SA5230D ONSEMI-SA5230D Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - SA5234D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5232 PHILIPS-SA5232 Datasheet
91Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
NE5232 NXP-NE5232 Datasheet
96Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
July 1994
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
   Quad high-performance operational amplifier
August 31, 1994
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
   High-Performance Quad Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com