Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE531 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE531
Description  High slew rate operational amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE531 Datasheet(HTML) 7 Page - NXP Semiconductors

  NE531 Datasheet HTML 1Page - NXP Semiconductors NE531 Datasheet HTML 2Page - NXP Semiconductors NE531 Datasheet HTML 3Page - NXP Semiconductors NE531 Datasheet HTML 4Page - NXP Semiconductors NE531 Datasheet HTML 5Page - NXP Semiconductors NE531 Datasheet HTML 6Page - NXP Semiconductors NE531 Datasheet HTML 7Page - NXP Semiconductors NE531 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE531
High slew rate operational amplifier
August 31, 1994
76
TYPICAL APPLICATIONS (Continued)
531
IN
a. Half-Wave
b. Full-Wave
Precision Rectifiers
AC Millivoltmeter
Sample-and-Hold
531
100pF
IN
10K
10K
OUT
5.1K
+
10K
531
100K
100K
531
+
100pF
DIODES
IN914
1
µF
M
RE
IN
1%
10K
100pF
5.1K
+
+
531
100PF
10K 1%
OUT
SIGNAL
IN
18K
330pF
470
33K
IN457
IN/51A
+
LOGIC IN
300K
15MSEC
Q1
ZN3819
Q2
3N128
100K
.0047
CDE#
CD19
FD4725
30K
10K
–15
–15
+15
IN457
OUTPUT
531
+


Similar Part No. - NE531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE532 PHILIPS-NE532 Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
NE532D PHILIPS-NE532D Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
NE532N PHILIPS-NE532N Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
   FET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
NE536 INTERSIL-NE536 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - NE531

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
logo
Unisonic Technologies
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
   HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com