Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM4000-BD Datasheet(PDF) 7 Page - Mimix Broadband

Part # CMM4000-BD
Description  2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM4000-BD Datasheet(HTML) 7 Page - Mimix Broadband

  CMM4000-BD Datasheet HTML 1Page - Mimix Broadband CMM4000-BD Datasheet HTML 2Page - Mimix Broadband CMM4000-BD Datasheet HTML 3Page - Mimix Broadband CMM4000-BD Datasheet HTML 4Page - Mimix Broadband CMM4000-BD Datasheet HTML 5Page - Mimix Broadband CMM4000-BD Datasheet HTML 6Page - Mimix Broadband CMM4000-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier
CMM4000-BD
July 2006 - Rev 06-Jul-06
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the
human body and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product.This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
(2) A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in
antistatic containers, which should be opened in cleanroom conditions at an appropriately grounded antistatic work-
station. Devices need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.076 mm (0.003") thick and have vias through to the
backside to enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The
mounting surface should be clean and flat. If using conductive epoxy, recommended epoxies are Tanaka TS3332LD,
Die Mat DM6030HK or DM6030HK-Pt cured in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy
sparingly to avoid getting any on to the top surface of the die. An epoxy fillet should be visible around the total die
periphery. For additional information please see the Mimix "Epoxy Specifications for Bare Die" application note. If
eutectic mounting is preferred, then a fluxless gold-tin (AuSn) preform, approximately 0.0012 thick, placed between the
die and the attachment surface should be used. A die bonder that utilizes a heated collet and provides scrubbing action
to ensure total wetting to prevent void formation in a nitrogen atmosphere is recommended. The gold-tin eutectic
(80% Au 20% Sn) has a melting point of approximately 280º C (Note: Gold Germanium should be avoided). The work
station temperature should be 310ºC +/- 10ºC. Exposure to these extreme temperatures should be kept to minimum.
The collet should be heated, and the die pre-heated to avoid excessive thermal shock. Avoidance of air bridges and
force impact are critical during placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the
die's gold bond pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99%
pure gold ribbon with 0.5-2% elongation to minimize RF port bond inductance. Gold 0.025 mm (0.001") diameter
wedge or ball bonds are acceptable for DC Bias connections. Aluminum wire should be avoided. Thermo-compression
bonding is recommended though thermosonic bonding may be used providing the ultrasonic content of the bond is
minimized. Bond force, time and ultrasonics are all critical parameters. Bonds should be made from the bond pads on
the die to the package or substrate. All bonds should be as short as possible.
Part Number for Ordering
Description
CMM4000-BD-000X
Where “X” is RoHS compliant die packed in “V” - vacuum release gel packs or
“W” - waffle trays
PB-CMM4000-BD
CMM4000-BD evaluation module


Similar Part No. - CMM4000-BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM4000-BD ETC1-CMM4000-BD Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM4000-BD MIMIX-CMM4000-BD Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000-BD-000V MIMIX-CMM4000-BD-000V Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
More results

Similar Description - CMM4000-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-QF MIMIX-CMM1100-QF Datasheet
331Kb / 8P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier, QFN
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com