Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL8487_06 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL8487_06
Description  1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 2 page
background image
2
FN6050.7
July 31, 2006
Pinout
ISL8487, ISL81483, ISL81487 (PDIP, SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
*Shutdown Mode for ISL8487, ISL81483 (see Note 7)
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
00
≥ +0.2V
1
00
≤ -0.2V
0
0
0
Inputs Open
1
10
X
High-Z *
1
1
X
High-Z
*Shutdown Mode for ISL8487, ISL81483 (see Note 7)
Ordering Information
PART NO.
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL8487IB
8487IB
-40 to 85
8 Ld SOIC*
M8.15
ISL8487IBZ (Note)
8487IBZ
-40 to 85
8 Ld SOIC
M8.15
ISL8487IP
ISL8487IP
-40 to 85
8 Ld PDIP
E8.3
ISL8487IPZ (Note)
8487IPZ
-40 to 85
8 Ld PDIP** (Pb-free)
E8.3
ISL81483IB
81483IB
-40 to 85
8 Ld SOIC*
M8.15
ISL81483IBZ (Note)
81483IBZ
-40 to 85
8 Ld SOIC* (Pb-free)
M8.15
ISL81483IP
ISL81483IP
-40 to 85
8 Ld PDIP
E8.3
ISL81483IPZ (Note)
81483IPZ
-40 to 85
8 Ld PDIP** (Pb-free)
E8.3
ISL81487IB
81487IB
-40 to 85
8 Ld SOIC*
M8.15
ISL81487IBZ (Note)
81487IBZ
-40 to 85
8 Ld SOIC* (Pb-free)
M8.15
ISL81487IP
ISL81487IP
-40 to 85
8 Ld PDIP
E8.3
ISL81487IPZ (Note)
81487IPZ
-40 to 85
8 Ld PDIP** (Pb-free)
E8.3
*SOIC also available in Tape and Reel; Add “-T” to suffix.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL8487, ISL81483, ISL81487




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL8483_065V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8483E_05ESD Protected to ±15kV 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
SP3080E-3088EAdvanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load Slew-Rate Limited ±15kV ESD-Protected 1 2 3 4 5 MoreSipex Corporation
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
ADM3835 V Low Power Slew-Rate Limited RS-485/RS-422 Transceiver 1 2 3 4 5 MoreAnalog Devices
MP4401HIGH POWER HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING 1 2 3 4 5 MoreToshiba Semiconductor
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl