Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL8483E_05 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL8483E_05
Description  ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 2 page
background image
2
Pinout
ISL8483E, ISL8485E (PDIP, SOIC)
TOP VIEW
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
*Shutdown Mode for ISL8483E (see Note 7)
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
00
≥ +0.2V
1
00
≤ -0.2V
0
0
0
Inputs Open
1
1
0
X
High-Z*
1
1
X
High-Z
*Shutdown Mode for ISL8483E (see Note 7)
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B / Z
A / Y
GND
D
R
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL8483ECPZ
(8483ECPZ) (Note)
-0 to 70
8 Ld PDIP*
(Pb-free)
M8.15
ISL8483EIB
(8483EIB)
-40 to 85
8 Ld SOIC
M8.15
ISL8483EIB-T
(8483EIB)
8 Ld SOIC Tape and Reel
ISL8483EIBZ
(8483EIBZ) (Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL8483EIBZ-T
(8483EIBZ) (Note)
8 Ld SOIC Tape and Reel (Pb-free)
ISL8483EIP
-40 to 85
8 Ld PDIP
E8.3
ISL8483EIPZ
(Note)
-40 to 85
8 Ld PDIP*
(Pb-free)
E8.3
ISL8485EABZ
(8485EABZ) (Note)
-40 to 125
8 Ld SOIC
(Pb-free)
M8.15
ISL8485EABZ-T
(8485EABZ) (Note)
8 Ld SOIC Tape and Reel (Pb-free)
ISL8485ECB
(8485ECB)
0 to 70
8 Ld SOIC
M8.15
ISL8485ECB-T
(8485ECB)
8 Ld SOIC Tape and Reel
ISL8485ECBZ
(8485ECBZ) (Note)
0 to 70
8 Ld SOIC
(Pb-free)
M8.15
ISL8485ECBZ-T
(8485ECBZ) (Note)
8 Ld SOIC Tape and Reel (Pb-free)
ISL8485ECP
0 to 70
8 Ld PDIP
E8.3
ISL8485ECPZ
(Note)
0 to 70
8 Ld PDIP*
(Pb-free)
E8.3
ISL8485EIB
(8485EIB)
-40 to 85
8 Ld SOIC
M8.15
ISL8485EIB-T
(8485EIB)
8 Ld SOIC Tape and Reel
ISL8485EIBZ
(8485EIBZ) (Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL8485EIBZ-T
(8485EIBZ) (Note)
8 Ld SOIC Tape and Reel (Pb-free)
ISL8485EIP
-40 to 85
8 Ld PDIP
E8.3
ISL8485EIPZ
(Note)
-40 to 85
8 Ld PDIP*
(Pb-free)
E8.3
*Pb-free PDIPs can be used for through hole wave solder processing only.
They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free
peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL8483E, ISL8485E




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL8483_065V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ST485E_07±15KV ESD protected low power RS-485/RS-422 transceiver 1 2 3 4 5 MoreSTMicroelectronics
ST485E±5KV ESD PROTECTED LOW POWER RS-485/RS-422 TRANSCEIVER 1 2 3 4 5 MoreSTMicroelectronics
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
ADM485E5 V ±15 kV ESD Protected Half-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
ICL3225E_06±15kV ESD Protected +3V to +5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ADM3835 V Low Power Slew-Rate Limited RS-485/RS-422 Transceiver 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl