Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL8483E_05 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL8483E_05
Description  ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
6
Driver Enable from Shutdown to
Output Low
tZL(SHDN) CL = 100pF, SW = VCC, (Figure 3), (Notes 7, 8)
Full
-
-
2000
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) CL = 15pF, SW = GND, (Figure 5), (Notes 7, 9)
Full
-
-
2500
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) CL = 15pF, SW = VCC, (Figure 5), (Notes 7, 9)
Full
-
-
2500
ns
ESD PERFORMANCE
RS-485 Pins (A/Y, B/Z)
Human Body Model
25
-
±15
-
kV
All Other Pins
25
-
>
±7-
kV
NOTES:
2. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
3. Supply current specification is valid for loaded drivers when DE = 0V.
4. Applies to peak current. See “Typical Performance Curves” for more information.
5. When testing the ISL8483E, keep RE = 0 to prevent the device from entering SHDN.
6. When testing the ISL8483E, the RE signal high time must be short enough (typically <200ns) to prevent the device from entering SHDN.
7. The ISL8483E is put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns, the parts are guaranteed
not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See “Low-Power
Shutdown Mode” section.
8. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
9. Set the RE signal high time >600ns to ensure that the device enters SHDN.
10. Devices meeting these limits are denoted as “single unit load (1 UL)” transceivers. The RS-485 standard allows up to 32 Unit Loads on the bus.
11. Guaranteed by characterization, but not tested.
Test Circuits and Waveforms
FIGURE 1. DRIVER VOD AND VOC
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25°C, (Note 2) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
D
DE
DI
VCC
VOD
VOC
R
R
Z
Y
ISL8483E, ISL8485E




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL8483_065V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ST485E_07±15KV ESD protected low power RS-485/RS-422 transceiver 1 2 3 4 5 MoreSTMicroelectronics
ST485E±5KV ESD PROTECTED LOW POWER RS-485/RS-422 TRANSCEIVER 1 2 3 4 5 MoreSTMicroelectronics
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
ADM485E5 V ±15 kV ESD Protected Half-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
ICL3225E_06±15kV ESD Protected +3V to +5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ADM3835 V Low Power Slew-Rate Limited RS-485/RS-422 Transceiver 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl