Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF170 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # MMBF170
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBF170 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MMBF170 Datasheet HTML 5Page - Fairchild Semiconductor MMBF170 Datasheet HTML 6Page - Fairchild Semiconductor MMBF170 Datasheet HTML 7Page - Fairchild Semiconductor MMBF170 Datasheet HTML 8Page - Fairchild Semiconductor MMBF170 Datasheet HTML 9Page - Fairchild Semiconductor MMBF170 Datasheet HTML 10Page - Fairchild Semiconductor MMBF170 Datasheet HTML 11Page - Fairchild Semiconductor MMBF170 Datasheet HTML 12Page - Fairchild Semiconductor MMBF170 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
January 2000, Rev. B
TO-92 Package Dimensions
TO-92; TO-18 Reverse Lead Form (J35Z Option)
(FS PKG Code 92, 94, 96)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.22
Note: All package 97 or 98 transistors are leadformed
to this configuration prior to bulk shipment. Order
L34Z option if in-line leads are preferred on package
97 or 98.
*
* ;
* Standard Option on 97 & 98 package code
©2000 Fairchild Semiconductor International


Similar Part No. - MMBF170

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBF170 FAIRCHILD-MMBF170 Datasheet
75Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
MMBF170 DIODES-MMBF170 Datasheet
62Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30104 Rev. C-2
logo
Unisonic Technologies
MMBF170 UTC-MMBF170 Datasheet
140Kb / 2P
   0.5A, 60V N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
SHIKUES Electronics
MMBF170 SKTECHNOLGY-MMBF170 Datasheet
873Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
MMBF170-13-F DIODES-MMBF170-13-F Datasheet
200Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - MMBF170

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com