Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL8483_06 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL8483_06
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
6
FN6046.8
February 28, 2006
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
Full
12
-
-
k
No-Load Supply Current, Note 3
ICC
ISL8488, ISL8489, DE, DI, RE = 0V or VCC
Full
-
160
250
µA
ISL8490, ISL8491, DE, DI, RE = 0V or VCC
Full
-
500
565
µA
ISL8485, DI, RE = 0V or
VCC
DE = VCC
Full
-
700
900
µA
DE = 0V
Full
-
500
565
µA
ISL8483, DI, RE = 0V or
VCC
DE = VCC
Full
-
470
650
µA
DE = 0V
Full
-
160
250
µA
Shutdown Supply Current
ISHDN
ISL8483, DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
1
50
nA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V, Note 4
Full
35
-
250
mA
Receiver Short-Circuit Current
IOSR
0V
≤ V
O ≤ VCC
Full
7
-
85
mA
SWITCHING CHARACTERISTICS (ISL8485, ISL8490, ISL8491)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, Figure 2
Full
18
30
50
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
-
2
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
3
11
25
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, Figure 3
Full
-
17
70
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, Figure 3
Full
-
14
70
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 3
Full
-
19
70
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 3
Full
-
13
70
ns
Receiver Input to Output Delay
tPLH, tPHL Figure 4
Full
30
40
150
ns
Receiver Skew | tPLH - tPHL |tSKD
Figure 4
25
-
5
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, Figure 5
Full
-
9
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, Figure 5
Full
-
9
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 5
Full
-
9
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 5
Full
-
9
50
ns
Maximum Data Rate
fMAX
Note 11
Full
5
-
-
Mbps
SWITCHING CHARACTERISTICS (ISL8483, ISL8488, ISL8489)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, Figure 2
Full
250
800
2000
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
-
160
800
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
250
800
2000
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, Figure 3, Note 5
Full
250
-
2000
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, Figure 3, Note 5
Full
250
-
2000
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 3
Full
300
-
3000
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 3
Full
300
-
3000
ns
Receiver Input to Output Delay
tPLH, tPHL Figure 4
Full
250
350
2000
ns
Receiver Skew | tPLH - tPHL |tSKD
Figure 4
25
-
25
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, Figure 5, Note 6
Full
-
10
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, Figure 5, Note 6
Full
-
10
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 5
Full
-
10
50
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25°C, Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
ADM3835 V Low Power Slew-Rate Limited RS-485/RS-422 Transceiver 1 2 3 4 5 MoreAnalog Devices
LM2901HHigh Temperature Low Power Quad Voltage Comparators 1 2 3 4 5 MoreSTMicroelectronics
ATA6821_05High Speed Power Driver IC 1 2 3 4 5 MoreATMEL Corporation
HA-5002_06110MHz High Slew Rate High Output Current Buffer 1 2 3 4 5 MoreIntersil Corporation
HA-5002883_06Monolithic Wideband High Slew Rate High Output Current Buffer 1 2 3 4 5 MoreIntersil Corporation
2SJ114HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1 2 3 Hitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl