Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL8483_06 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL8483_06
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 3 page
background image
3
FN6046.8
February 28, 2006
Truth Tables
Pinouts
ISL8483, ISL8485 (PDIP, SOIC)
TOP VIEW
ISL8488, ISL8490 (PDIP, SOIC)
TOP VIEW
ISL8489, ISL8491 (PDIP, SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
*Shutdown Mode for ISL8483 (see Note 7)
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ +0.2V
1
00
X
≤ -0.2V
0
0
0
X
Inputs Open
1
100
X
High-Z *
111
X
High-Z
*Shutdown Mode for ISL8483 (see Note 7)
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A > B by at least 0.2V, RO is high; If A < B by 0.2V or more, RO is low; RO = High if A and B are unconnected (floating).
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is low.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection.
A/Y
Noninverting receiver input and noninverting driver output. Pin is an input (A) if DE = 0; pin is an output (Y) if DE = 1.
B/Z
Inverting receiver input and inverting driver output. Pin is an input (B) if DE = 0; pin is an output (Z) if DE = 1.
A
Noninverting receiver input.
B
Inverting receiver input.
Y
Noninverting driver output.
Z
Inverting driver output.
VCC
System power supply input (4.5V to 5.5V).
NC
No Connection.
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA-2850_03470MHz Low Power High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ADM34833.3 V Slew Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreAnalog Devices
HS-1145RH_05Radiation Hardened High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 MoreIntersil Corporation
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
ADM3835 V Low Power Slew-Rate Limited RS-485/RS-422 Transceiver 1 2 3 4 5 MoreAnalog Devices
LM2901HHigh Temperature Low Power Quad Voltage Comparators 1 2 3 4 5 MoreSTMicroelectronics
ATA6821_05High Speed Power Driver IC 1 2 3 4 5 MoreATMEL Corporation
HA-5002_06110MHz High Slew Rate High Output Current Buffer 1 2 3 4 5 MoreIntersil Corporation
HA-5002883_06Monolithic Wideband High Slew Rate High Output Current Buffer 1 2 3 4 5 MoreIntersil Corporation
2SJ114HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1 2 3 Hitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl