Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMM1631-SM Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM1631-SM
Description  16.0-18.0 GHz 1.5-Watt Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1631-SM Datasheet(HTML) 1 Page - Mimix Broadband

  CMM1631-SM Datasheet HTML 1Page - Mimix Broadband CMM1631-SM Datasheet HTML 2Page - Mimix Broadband CMM1631-SM Datasheet HTML 3Page - Mimix Broadband CMM1631-SM Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 2006 - Rev 26-Aug-06
16.0-18.0 GHz
1.5-Watt Power Amplifier
Page 1 of 4
CMM1631-SM
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Features
32 dBm (Typ.) Saturated output power
26.5 dB (Typ) Linear Gain
Fully Matched
Unconditionally Stable
Low Cost, Surface Mount Package
6x6x1.6 mm
Optimum Thermal Dissipation
7V, 770mA
Military Ku Band
VSAT
Point to Point Radio
Ku-Band Space
General Description
The CMM1631-SM is a four stage pHEMT GaAs MMIC power
amplifier packaged in a 6x6 mm surface mount package. The
CMM1631-SM provides 26 dB of linear gain and delivers 1.5 watts
of output power at saturation operating between 16 to 18 GHz.
The unconditional stability and internal matching provides for a
reduction in external components making this product a simple
and low cost solution. The true surface mount package makes it
an ideal solution in all manufacturing environments. The power
amplifier is intended for use in the extended Ku-Band satellite
applications.
Maximum Ratings (TA = -40°C to +75°C)
s
t
i
n
U
p
y
T
r
e
t
e
m
a
r
a
P
s
t
i
n
U
p
y
T
r
e
t
e
m
a
r
a
P
Drain Voltage (+Vdd )
8.5
Volts
RF Input Power (Pin)
13
dBm
Gate Voltage (Vgg
Pdiss
(
r
e
w
o
P
d
e
t
a
p
i
s
s
i
D
s
t
l
o
V
0
.
3
-
)
)
5.6
Watts
Quiescent Current (Idg)
1
A
Storage Temperature
-50 to +150
°C
Gate Current (Ig
C
°
5
7
+
o
t
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
d
i
s
k
c
a
B
g
n
i
t
a
r
e
p
O
A
m
5
)
s
t
i
n
U
x
a
M
p
y
T
n
i
M
n
o
i
t
i
d
n
o
C
r
e
t
e
m
a
r
a
P
z
H
G
18.0
16.0
e
g
n
a
R
y
c
n
e
u
q
e
r
F
m
B
d
31.5
n
o
i
s
s
e
r
p
m
o
c
B
d
1
@
r
e
w
o
P
t
u
p
t
u
O
m
B
d
32.0
= 10 dBm
n
i
P
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
Saturated Output Power Variation
m
B
d
0
.
1
5
.
0
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
o
r
e
v
O
Linear Gain
26.5
dB
B
d
0
.
3
0
.
1
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
o
r
e
v
O
n
o
i
t
a
i
r
a
V
n
i
a
G
r
a
e
n
i
L
Input Reflection Coefficient
-7.0
dB
B
d
0
.
7
-
t
n
e
i
c
i
f
f
e
o
C
n
o
i
t
c
e
l
f
e
R
t
u
p
t
u
O
s
t
l
o
V
7
.
0
-
9
.
0
-
1
.
1
-
800 mA
=
q
d
I
e
g
a
t
l
o
V
y
l
p
p
u
S
e
t
a
G
A
770 mA
n
o
i
t
a
r
u
t
a
S
t
A
t
n
e
r
r
u
C
n
i
a
r
D
%
3
2
n
o
i
t
a
r
u
t
a
S
t
A
y
c
n
e
i
c
i
f
f
E
d
e
d
d
A
r
e
w
o
P
s
t
i
n
U
x
a
M
p
y
T
n
i
M
n
o
i
t
i
d
n
o
C
r
e
t
e
m
a
r
a
P
m
B
d
5
.
0
-
e
r
u
t
a
r
e
p
m
e
T
m
o
o
R
m
o
r
f
n
o
i
t
a
i
r
a
V
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
B
d
5
.
2
5
.
2
-
e
r
u
t
a
r
e
p
m
e
T
m
o
o
R
m
o
r
f
n
o
i
t
a
i
r
a
V
n
i
a
G
r
a
e
n
i
L
Stability
Unconditionally stable
Electrical Specifications (TA = -40°C to +75°C)
Operation outside these limits can cause permanent damage.
Applications
Electrical Characteristics (T = +25ºC,Vd = 7V, Idq = 770 mA)


Similar Part No. - CMM1631-SM

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1631-SM MIMIX-CMM1631-SM Datasheet
222Kb / 3P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
CMM1631-SM-0000 MIMIX-CMM1631-SM-0000 Datasheet
222Kb / 3P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
CMM1631-SM-000T MIMIX-CMM1631-SM-000T Datasheet
222Kb / 3P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
More results

Similar Description - CMM1631-SM

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1631-SM MIMIX-CMM1631-SM Datasheet
222Kb / 3P
   16.0-18.0 GHz 1.5-Watt Power Amplifier
logo
Excelics Semiconductor,...
EIM0618-1.5 EXCELICS-EIM0618-1.5 Datasheet
92Kb / 2P
   6.0 - 18.0 GHz 1.5-Watt Power Module
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
   2.0 ??18.0 GHz 75 Watt Amplifier
logo
TriQuint Semiconductor
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
logo
Excelics Semiconductor,...
EIM0618-0.5 EXCELICS-EIM0618-0.5 Datasheet
91Kb / 2P
   6.0 - 18.0 GHz -Watt Power Module
logo
Mimix Broadband
CMM1331-SM MIMIX-CMM1331-SM Datasheet
574Kb / 3P
   12.7 to 13.5 GHz 1.5 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
   12.70 to 13.50 GHz 1.5 Watt Power Amplifier
logo
Mimix Broadband
CMM1431-SM MIMIX-CMM1431-SM Datasheet
501Kb / 4P
   13.50 to 14.50 GHz 1.5 Watt Power Amplifier
logo
HBH Microwave GmbH
HA6014 HBH-HA6014 Datasheet
30Kb / 1P
   17.0 - 18.0 GHz Power Amplifier
logo
Mimix Broadband
XP1042-QT MIMIX-XP1042-QT_10 Datasheet
690Kb / 6P
   12.0-16.0 GHz Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com