Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43410 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL43410
Description  Low-Voltage, Single Supply, DPDT High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43410 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43410_06 Datasheet HTML 1Page - Intersil Corporation ISL43410_06 Datasheet HTML 2Page - Intersil Corporation ISL43410_06 Datasheet HTML 3Page - Intersil Corporation ISL43410_06 Datasheet HTML 4Page - Intersil Corporation ISL43410_06 Datasheet HTML 5Page - Intersil Corporation ISL43410_06 Datasheet HTML 6Page - Intersil Corporation ISL43410_06 Datasheet HTML 7Page - Intersil Corporation ISL43410_06 Datasheet HTML 8Page - Intersil Corporation ISL43410_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6044.3
January 16, 2006
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
0.3
1
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz, (See Figure 4)
25
-
75
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz, (See Figure 6)
25
-
-85
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
4
-
pF
COM OFF Capacitance, CCOM(OFF) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
6
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
12
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2
-
12
V
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+, all channels on or off
Full
-1
0.0001
1
µA
NOTES:
5. VIN = input voltage to perform proper function.
6. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
8.
∆RON = RON (MAX) - RON (MIN).
9. Flatness is defined as the difference between the maximum and minimum value of on-resistance over the specified analog signal range.
Electrical Specifications +3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VAH = 2.4V, VAL= 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3.0V, ICOM = 1.0mA, VNO or VNC = 1.5V,
(See Figure 5)
25
-
190
220
Full
-
-
250
RON Matching Between Channels,
∆RON
V+ = 3.0V, ICOM = 1.0mA, VNO or VNC = 1.5V, (Note 8)
25
-
1
3
Full
-
-
5
RON Flatness, RFLAT(ON)
V+ = 3.0V, ICOM = 1.0mA, VNO or VNC = 0.5V, 1.5V,
(Note 9)
25
-
48
90
Full
-
-
90
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 1V, 3V, VNO or VNC = 3V, 1V,
(Note 7)
25
-1
-
1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.6V, VCOM = 3V, 1V, VNO or VNC = 1V, 3V,
(Note 7)
25
-1
-
1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 3.6V, VCOM = 1V, 3V, or VNO or VNC = 1V, 3V, or
floating, (Note 7)
25
-1
-
1
nA
Full
-5
-
5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.0
1.0
-
V
Input Voltage Low, VINL
Full
-
0.8
0.5
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3, (See Figure 1)
25
-
144
155
ns
Full
-
-
175
ns
Inhibit Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3, (See Figure 1)
25
-
53
60
ns
Full
-
-
65
ns
Address Transition Time, tTRANS
V+ = 2.7V, VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3, (See Figure 1)
25
-
145
160
ns
Full
-
-
190
ns
Break-Before-Make Time Delay, tD
V+ = 3.6V, RL = 300Ω, CL = 35pF, VNO or VNC = 1.5V,
VIN = 0 to 3, (See Figure 3)
Full
15
35
-
ns
Electrical Specifications +5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ISL43410


Similar Part No. - ISL43410_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43410IR INTERSIL-ISL43410IR Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
ISL43410IR INTERSIL-ISL43410IR Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410IR RENESAS-ISL43410IR Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410IR-T INTERSIL-ISL43410IR-T Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
ISL43410IR-T INTERSIL-ISL43410IR-T Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
More results

Similar Description - ISL43410_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com