Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5234D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE5234D
Description  Matched quad high-performance low-voltage operational amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5234D Datasheet(HTML) 1 Page - NXP Semiconductors

  NE5234D Datasheet HTML 1Page - NXP Semiconductors NE5234D Datasheet HTML 2Page - NXP Semiconductors NE5234D Datasheet HTML 3Page - NXP Semiconductors NE5234D Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA5234
Matched quad high-performance low-voltage
operational amplifier
159
August 31, 1994
853-1445 13721
DESCRIPTION
The NE/SA5234 is a matched, low voltage, high performance quad
operational amplifier. Among its unique input and output
characteristics is the capability for both input and output rail-to-rail
operation, particularly critical in low voltage applications. The output
swings to less than 50mV of both rails across the entire power
supply range. The NE/SA5234 is capable of delivering 5.5V
peak-to-peak across a 600
Ω load and will typically draw only 700µA
per amplifier. The bandwidth is 2.5MHz and the 1% settling time is
1.4
µs.
FEATURES
Wide common-mode input voltage range: 250mV beyond both
rails
Output swing within 50mV of both rails
Functionality to 1.8V typical
Low current consumption: 700µA per amplifier
+15mA output current capability
Unity gain bandwidth: 2.5MHz
Slew rate: 0.8V/µs
Low noise: 25nV/Hz
Electrostatic discharge protection
Short-circuit protection
Output inversion prevention
PIN CONFIGURATION
OUTPUT1 1
-INPUT1 2
+INPUT1 3
VCC 4
14
OUTPUT4
13
-INPUT4
12
+INPUT4
11
GND
+INPUT2 5
-INPUT2 6
OUTPUT2 7
10
+INPUT3
9
-INPUT3
8
OUTPUT3
N, and D PACKAGES
APPLICATIONS
Automotive electronics
Signal conditioning and sensing amplification
Portable instrumentation
– Test and measurement
– Medical monitors and diagnostics
– Remote meters
Audio equipment
Security systems
Communications
– Pagers
– Cellular telephone
– LAN
– 5V Datacom bus
Error amplifier in motor drives
Transducer buffer amplifier
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Small Outline (SO) package
0 to +70
°C
NE5234D
0175D
14-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5234N
0405B
14-Pin Plastic Small Outline (SO) package
-40 to +85
°C
SA5234D
0175D
14-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA5234N
0405B


Similar Part No. - NE5234D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
NXP Semiconductors
NE5230D PHILIPS-NE5230D Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230D ONSEMI-NE5230D Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - NE5234D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5232 PHILIPS-SA5232 Datasheet
91Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
NE5232 NXP-NE5232 Datasheet
96Kb / 10P
   Matched dual high-performance low-voltage operational amplifier
2002 May 21
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
July 1994
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
   Quad high-performance operational amplifier
August 31, 1994
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
   High-Performance Quad Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com