Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43240IAZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43240IAZ-T
Description  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IAZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43240IAZ-T Datasheet HTML 1Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 2Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 3Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 4Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 5Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 6Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 7Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 8Page - Intersil Corporation ISL43240IAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Pinouts (Note 1)
ISL43240 (SSOP)
TOP VIEW
ISL43240 (QFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
IN1
NO1
COM1
NC1
V-
GND
COM2
NC2
NO2
IN2
IN4
COM4
NC4
V+
NO4
N.C.
NC3
COM3
NO3
IN3
COM1
NC1
V-
GND
NC2
COM4
NC4
V+
NC3
COM3
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
Truth Table
LOGIC
ISL43240
ISL43240
NO SW
NC SW
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND
for Single Supply Configurations.
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
ISL43240IA
-40 to 85
20 Ld SSOP
M20.209
ISL43240IA-T
-40 to 85
20 Ld SSOP
Tape and Reel
M20.209
ISL43240IAZ
(Note)
-40 to 85
20 Ld SSOP
(Pb-free)
M20.209
ISL43240IAZ-T
(Note)
-40 to 85
20 Ld SSOP
Tape and Reel
(Pb-free)
M20.209
ISL43240IR
-40 to 85
20 Ld QFN
L20.4x4
ISL43240IR-T
-40 to 85
20 Ld QFN
Tape and Reel
L20.4x4
ISL43240IRZ
(Note)
-40 to 85
20 Ld QFN
(Pb-free)
L20.4x4
ISL43240IRZ-T
(Note)
-40 to 85
20 Ld QFN
Tape and Reel
(Pb-free)
L20.4x4
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
ISL43240


Similar Part No. - ISL43240IAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240IAZ RENESAS-ISL43240IAZ Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
More results

Similar Description - ISL43240IAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com