Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5205AN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA5205AN
Description  Wide-band high-frequency amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205AN Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5205AN Datasheet HTML 1Page - NXP Semiconductors SA5205AN Datasheet HTML 2Page - NXP Semiconductors SA5205AN Datasheet HTML 3Page - NXP Semiconductors SA5205AN Datasheet HTML 4Page - NXP Semiconductors SA5205AN Datasheet HTML 5Page - NXP Semiconductors SA5205AN Datasheet HTML 6Page - NXP Semiconductors SA5205AN Datasheet HTML 7Page - NXP Semiconductors SA5205AN Datasheet HTML 8Page - NXP Semiconductors SA5205AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
NE/SA/SE5205A
Wide-band high-frequency amplifier
1992 Feb 24
5
35
34
32
30
28
26
24
22
20
18
16
5
5.5
6
6.5
7
7.5
8
SUPPLY VOLTAGE—V
TA = 25
oC
SR00217
Figure 3. Supply Current vs Supply Voltage
vcc = 6v
vcc = 8v
vcc = 7v
vcc = 5v
9
8
7
6
5
ZO = 50Ω
TA = 25
oC
FREQUENCY—MHz
1012
4
6
8
2
4
6
8
102
103
SR00219
Figure 4. Noise Figure vs Frequency
25
20
15
10
1012
4
6
8
2
4
6
8
102
103
vcc = 8v
vcc = 7v
vcc = 6v
vcc = 5v
FREQUENCY—MHz
ZO = 50Ω
TA = 25
oC
SR00221
Figure 5. Insertion Gain vs Frequency (S21)
TA = 55
oC
TA = 25
oC
TA = 85
oC
TA = 125
oC
VCC = 8V
ZO = 50Ω
25
20
15
10
1012
4
6
8
2
4
6
8
102
103
FREQUENCY—MHz
SR00223
Figure 6. Insertion Gain vs Frequency (S21)
FREQUENCY—MHz
ZO = 50Ω
TA = 25
oC
VCC = 8V
VCC = 7V
VCC = 6V
VCC = 5V
2
3
4
5
6
7
8
9
10
11
1
0
–1
–2
–3
–4
–5
–6
1012
4
6
8
2
4
6
8
102
103
SR00218
Figure 7. Saturated Output Power vs Frequency
VCC = 8V
VCC = 7V
VCC = 6V
VCC = 5V
ZO = 50Ω
TA = 25
oC
10
9
8
7
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
FREQUENCY—MHz
1012
4
6
8
2
4
6
8
102
103
SR00220
Figure 8. 1dB Gain Compression vs Frequency
40
35
30
25
20
15
10
4
567
8
9
10
POWER SUPPLY VOLTAGE—V
ZO = 50Ω
TA = 25
oC
SR00222
Figure 9. Second-Order Output Intercept vs Supply Voltage
30
25
20
15
10
5
4
5
6
789
10
POWER SUPPLY VOLTAGE—V
ZO = 50Ω
TA = 25
oC
SR00224
Figure 10. Third-Order Intercept vs Supply Voltage


Similar Part No. - SA5205AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205AD PHILIPS-SA5205AD Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
More results

Similar Description - SA5205AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50MH MINI-MCA-50MH Datasheet
211Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
   Frequency Mixer WIDE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com