Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5230D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE5230D
Description  Low voltage operational amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5230D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE5230D Datasheet HTML 3Page - NXP Semiconductors NE5230D Datasheet HTML 4Page - NXP Semiconductors NE5230D Datasheet HTML 5Page - NXP Semiconductors NE5230D Datasheet HTML 6Page - NXP Semiconductors NE5230D Datasheet HTML 7Page - NXP Semiconductors NE5230D Datasheet HTML 8Page - NXP Semiconductors NE5230D Datasheet HTML 9Page - NXP Semiconductors NE5230D Datasheet HTML 10Page - NXP Semiconductors NE5230D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
7
Output Stage
Processing output voltage swings that nominally reach to less than
100mV of either supply voltage can only be achieved by a pair of
complementary common-emitter connected transistors. Normally,
such a configuration causes complex feed-forward signal paths that
develop by combining biasing and driving which can be found in
previous low supply voltage designs. The unique output stage of the
NE5230 separates the functions of driving and biasing, as shown in
the simplified schematic of Figure 3, and has the advantage of a
shorter signal path which leads to increasing the effective
bandwidth.
This output stage consists of two parts: the Darlington output
transistors and the class AB control regulator. The output transistor
Q3 connected with the Darlington transistors Q4 and Q5 can source
up to 10mA to an output load. The output of NPN Darlington
connected transistors Q1 and Q2 together are able to sink an output
current of 10mA. Accurate and efficient class AB control is
necessary to insure that none of the output transistors are ever
completely cut off. This is accomplished by the differential amplifier
(formed by Q8 and Q9) which controls the biasing of the output
transistors. The differential amplifier compares the summed voltages
across two diodes, D1 and D2, at the base of Q8 with the summed
voltages across the base-emitter diodes of the output transistors Q1
and Q3. The base-emitter voltage of Q3 is converted into a current
by Q6 and R6 and reconverted into a voltage across the
base-emitter diode of Q7 and R7. The summed voltage across the
base-emitter diodes of the output transistors Q3 and Q1 is
proportional to the logarithm of the product of the push and pull
currents IOP and ION, respectively. The combined voltages across
diodes D1 and D2 are proportional to the logarithm of the square of
the reference current IB1. When the diode characteristics and
temperatures of the pairs Q1, D1 and Q3, Q2 are equal, the relation
IOP×ION=IB1×IB1 is satisfied.
Separating the functions of biasing and driving prevents the driving
signals from becoming delayed by the biasing circuit. The output
Darlington transistors are directly accessible for in-phase driving
signals on the bases of Q5 and Q2. This is very important for simple
high-frequency compensation. The output transistors can be
high-frequency compensated by Miller capacitors CM1A and CM1B
connected from the collectors to the bases of the output Darlington
transistors.
A general-purpose op amp of this type must have enough open-loop
gain for applications when the output is driving a low resistance
load. The NE5230 accomplishes this by inserting an intermediate
common-emitter stage between the input and output stages. The
three stages provide a very large gain, but the op amp now has
three natural dominant poles — one at the output of each
common-emitter stage. Frequency compensation is implemented
with a simple scheme of nested, pole-splitting Miller integrators. The
Miller capacitors CM1A and CM1B are the first part of the nested
structure, and provide compensation for the output and intermediate
stages. A second pair of Miller integrators provide pole-splitting
compensation for the pole from the input stage and the pole
resulting from the compensated combination of poles from the
intermediate and output stages. The result is a stable,
internally-compensated op amp with a phase margin of 70 degrees.
Q5
Ib1
Ib2
Ib3
Ib5
Ib4
Q4
Q6
Q8
Q9
D1
Q7
Q3
D2
Q1
Q2
R7
R6
CM1B
CM1A
Vb2
Vb5
VCC
VEE
VOUT
IOP
ION
SL00252
Figure 3. Output Stage


Similar Part No. - NE5230D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5230D ONSEMI-NE5230D Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230DG ONSEMI-NE5230DG Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230DG ONSEMI-NE5230DG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230DR2 ONSEMI-NE5230DR2 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230DR2G ONSEMI-NE5230DR2G Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - NE5230D

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com