Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5204AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5204AD
Description  Wide-band high-frequency amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5204AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5204AD Datasheet HTML 3Page - NXP Semiconductors SA5204AD Datasheet HTML 4Page - NXP Semiconductors SA5204AD Datasheet HTML 5Page - NXP Semiconductors SA5204AD Datasheet HTML 6Page - NXP Semiconductors SA5204AD Datasheet HTML 7Page - NXP Semiconductors SA5204AD Datasheet HTML 8Page - NXP Semiconductors SA5204AD Datasheet HTML 9Page - NXP Semiconductors SA5204AD Datasheet HTML 10Page - NXP Semiconductors SA5204AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
NE/SA5204A
Wide-band high-frequency amplifier
1992 Feb 25
7
THEORY OF OPERATION
The design is based on the use of multiple feedback loops to
provide wide-band gain together with good noise figure and terminal
impedance matches. Referring to the circuit schematic in Figure 17,
the gain is set primarily by the equation:
V
OUT
V
IN
+ (R
F1 ) RE1)
R
E1
(1)
which is series-shunt feedback. There is also shunt-series feedback
due to RF2 and RE2 which aids in producing wide-band terminal
impedances without the need for low value input shunting resistors
that would degrade the noise figure. For optimum noise
performance, RE1 and the base resistance of Q1 are kept as low as
possible, while RF2 is maximized.
The noise figure is given by the following equation:
NF
+ 10Log 1 )
r
b ) RE1 )
KT
2ql
C1
R
O
dB
(2)
where IC1=5.5mA, RE1=12Ω, rb=130Ω, KT/q=26mV at 25°C and
R0=50 for a 50Ω system and 75 for a 75Ω system.
The DC input voltage level VIN can be determined by the equation:
VIN=VBE1+(IC1+IC3) RE1(3)
where RE1=12Ω, VBE=0.8V, IC1=5mA and IC3=7mA (currents rated
at VCC=6V).
Under the above conditions, VIN is approximately equal to 1V.
Level shifting is achieved by emitter-follower Q3 and diode Q4,
which provide shunt feedback to the emitter of Q1 via RF1. The use
of an emitter-follower buffer in this feedback loop essentially
eliminates problems of shunt-feedback loading on the output. The
value of RF1=140Ω is chosen to give the desired nominal gain. The
DC output voltage VOUT can be determined by:
VOUT=VCC–(IC2+IC6)R2,(4)
where VCC=6V, R2=225Ω, IC2=8mA and IC6=5mA.
From here, it can be seen that the output voltage is approximately
3.1V to give relatively equal positive and negative output swings.
Diode Q5 is included for bias purposes to allow direct coupling of
RF2 to the base of Q1. The dual feedback loops stabilize the DC
operating point of the amplifier.
The output stage is a Darlington pair (Q6 and Q2) which increases
the DC bias voltage on the input stage (Q1) to a more desirable
value, and also increases the feedback loop gain. Resistor R0
optimizes the output VSWR (Voltage Standing Wave Ratio).
Inductors L1 and L2 are bondwire and lead inductances which are
roughly 3nH. These improve the high-frequency impedance
matches at input and output by partially resonating with 0.5pF of pad
and package capacitance.
POWER DISSIPATION CONSIDERATIONS
When using the part at elevated temperature, the engineer should
consider the power dissipation capabilities of each package.
At the nominal supply voltage of 6V, the typical supply current is
25mA (32mA max). For operation at supply voltages other than 6V,
see Figure 3 for ICC versus VCC curves. The supply current is
inversely proportional to temperature and varies no more than 1mA
between 25
°C and either temperature extreme. The change is 0.1%
per
°C over the range.
The recommended operating temperature ranges are air-mount
specifications. Better heat-sinking benefits can be realized by
mounting the SO and N package bodies against the PC board
plane.
VIN
L1
3nH
Q1
Q4
RF1
140
RE1
12
RF2
200
Q5
RE2
12
R3
140
Q6
10
3nH
L2
VOUT
R2
225
VCC
R1
650
R0
Q3
Q2
SR00209
Figure 17. Schematic Diagram


Similar Part No. - SA5204AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5204AD PHILIPS-SA5204AD Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
More results

Similar Description - SA5204AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50MH MINI-MCA-50MH Datasheet
211Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
   Frequency Mixer WIDE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com