Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW30 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BCW30
Description  PNP General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW30 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BCW30 Datasheet HTML 1Page - Fairchild Semiconductor BCW30 Datasheet HTML 2Page - Fairchild Semiconductor BCW30 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
Absolute Maximum Ratings * T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
C=25°C unless otherwise noted
Thermal Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
-32
V
VCES
Collector-Emitter Voltage
-32
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector current
- Continuous
-500
mA
TJ, Tstg
Junction and Storage Temperature
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)CBO
Collector-Base Breakdown Voltage
IC = -10µA, IE = 0
-32
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = -2.0mA, IB = 0
-32
V
V(BR)CES
Collector-Emitter Breakdown Voltage
IC = -10µA, IE = 0
-32
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IC = -10µA, IC = 0
-5.0
V
ICBO
Collector Cutoff Current
VCB = -32V, IE = 0
VCB = -32V, IE = 0, TA = +100°C
-100
-10
nA
µA
On Characteristics
hFE
DC Current Gain
VCE = -5.0V, IC = -2.0mA
215
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -10mA, IB = -0.5mA
-0.3
V
VBE(on)
Base-Emitter On Voltage
VCE = -5.0V, IC = -2.0mA
-0.6
-0.7
V
Small Signal Characteristics
NF
Noise Figure
VCE = -5.0V, IC = -200µA
RS = 2.0kΩ, f = 1.0kHz
BW = 200Hz
10
dB
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
BCW30
PNP General Purpose Amplifier
• This device is designed for general purpose medium power amplifiers
and switches requiring collector currents to 300mA.
• Sourced from process 68.
1. Base 2. Emitter 3. Collector
1
2
3
SOT-23
Mark: C2


Similar Part No. - BCW30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW30 PHILIPS-BCW30 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 13
BCW30 NXP-BCW30 Datasheet
118Kb / 6P
   PNP general purpose transistors
2004 Jan 13
logo
Nexperia B.V. All right...
BCW30 NEXPERIA-BCW30 Datasheet
314Kb / 7P
   PNP general purpose transistors
2004 Jan 13
logo
STMicroelectronics
BCW30 STMICROELECTRONICS-BCW30 Datasheet
37Kb / 4P
   SMALL SIGNAL PNP TRANSISTORS
logo
KEC(Korea Electronics)
BCW30 KEC-BCW30 Datasheet
35Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - BCW30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com