Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8563ECB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8563ECB
Description  /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563ECB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8563ECB Datasheet HTML 1Page - Intersil Corporation ISL8563ECB Datasheet HTML 2Page - Intersil Corporation ISL8563ECB Datasheet HTML 3Page - Intersil Corporation ISL8563ECB Datasheet HTML 4Page - Intersil Corporation ISL8563ECB Datasheet HTML 5Page - Intersil Corporation ISL8563ECB Datasheet HTML 6Page - Intersil Corporation ISL8563ECB Datasheet HTML 7Page - Intersil Corporation ISL8563ECB Datasheet HTML 8Page - Intersil Corporation ISL8563ECB Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Test Waveforms
Supply Current, Powerdown
SHDN = GND
25
-
1
10
µA
Full
-
1
25
µA
SHDN Input Leakage Current
Full
-
±0.01
±1.0
µA
SHDN Input Logic Threshold Low
Full
-
-
0.8
V
SHDN Input Logic Threshold High VCC = 3.0V to 5.0V
Full
2.4
-
-
V
AC CHARACTERISTICS
Transition Region Slew Rate
VCC = 3.3V, RL = 3kΩ to 7kΩ, Measured From 3V to -3V or
-3V to 3V, CL = 50pF to 2500pF
25
4
-
30
V/
µs
Transmitter Propagation Delay
Transmitter Input to
Transmitter Output,
CL = 1000pF, RL = 3kΩ
tPHL (Note 2)
Full
-
1
3.5
µs
tPLH (Note 2)
Full
-
1
3.5
µs
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL (Note 3)
Full
-
0.3
1.0
µs
tPLH (Note 3)
Full
-
0.3
1.0
µs
Receiver Output Enable Time
Figure 1
tER
Full
-
125
500
ns
Receiver Output Disable Time
Figure 1
tDR
Full
-
160
500
ns
Transmitter Output Enable Time
Figure 2
tET
25
-
17
-
µs
Transmitter Output Disable Time
Figure 2
tDT
25
-
600
-
ns
Transmitter Skew
tPHL - tPLH (Note 2)
25
-
100
-
ns
Receiver Skew
tPHL - tPLH (Note 3)
25
-
100
-
ns
ESD PERFORMANCE
RS-562 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8-
kV
IEC61000-4-2 Air Gap Discharge
25
-
±15
-
kV
All Other Pins
Human Body Model
25
-
±3-
kV
NOTES:
2. Transmitter is measured at the transmitter zero crossing points.
3. Receiver is measured at the receiver 50 percent crossing points.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
FIGURE 1. RECEIVER OUTPUT ENABLE AND DISABLE TIMING
VCC
0V
EN INPUT
tER
VCC - 0.6V
+0.4V
RECEIVER
OUTPUT
VOH - 0.1V
VOL + 0.1V
0.5VCC
tDR
RECEIVER
OUTPUT
VCC
0V
EN INPUT
CL = 150pF to GND
RL = 1kΩ to 0.5VCC
0.5VCC
CL = 150pF to GND
RL = 1kΩ to 0.5VCC
VOH
VOL
FIGURE 2. TRANSMITTER OUTPUT ENABLE AND DISABLE
TIMING
VCC
0V
SHDN INPUT
VCC
0V
SHDN INPUT
0V
V+
V-
tDT
+3.7V
-3.7V
CL = 50pF
RL = 3kΩ
TRANSMITTER
OUTPUT
TRANSMITTER
OUTPUT
tET
+3.7V
-3.7V
CL = 50pF
RL = 3kΩ
0V
ISL8563E


Similar Part No. - ISL8563ECB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
More results

Similar Description - ISL8563ECB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563 INTERSIL-ISL8563 Datasheet
247Kb / 10P
   3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com