Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7010-BD-000V Datasheet(PDF) 7 Page - Mimix Broadband

Part # CGB7010-BD-000V
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7010-BD-000V Datasheet(HTML) 7 Page - Mimix Broadband

  CGB7010-BD-000V Datasheet HTML 1Page - Mimix Broadband CGB7010-BD-000V Datasheet HTML 2Page - Mimix Broadband CGB7010-BD-000V Datasheet HTML 3Page - Mimix Broadband CGB7010-BD-000V Datasheet HTML 4Page - Mimix Broadband CGB7010-BD-000V Datasheet HTML 5Page - Mimix Broadband CGB7010-BD-000V Datasheet HTML 6Page - Mimix Broadband CGB7010-BD-000V Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7010-BD
April 2007 - Rev 03-Apr-07
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body
and the environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product.This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1)
Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b)
support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in
the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any component
of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in antistatic
containers, which should be opened in cleanroom conditions at an appropriately grounded anti-static workstation. Devices
need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.100 mm (0.004") thick. Microstrip substrates should be brought
as close to the die as possible. The mounting surface should be clean and flat. If using conductive epoxy, recommended
epoxies are Tanaka TS3332LD, Die Mat DM6030HK or DM6030HK-Pt cured in a nitrogen atmosphere per manufacturer's cure
schedule. Apply epoxy sparingly to avoid getting any on to the top surface of the die. An epoxy fillet should be visible around
the total die periphery. For additional information please see the Mimix "Epoxy Specifications for Bare Die" application note.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold
bond pads. The recommended wire bonding procedure uses Gold 0.025 mm (0.001") diameter ball bonds. Aluminum wire
should be avoided. Thermo-compression bonding is recommended though thermosonic bonding may be used providing the
ultrasonic content of the bond is minimized. Bond force, time and ultrasonics are all critical parameters. Bonds should be made
from the bond pads on the die to the package or substrate. All bonds should be as short as possible.
Part Number for Ordering
Description
CGB7010-BD-000V
RoHS compliant die packed in vacuum release gel paks


Similar Part No. - CGB7010-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-BD MIMIX-CGB7010-BD Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-BD MIMIX-CGB7010-BD Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7010-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7015-BD MIMIX-CGB7015-BD Datasheet
197Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7005-BD MIMIX-CGB7005-BD Datasheet
403Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7006-BD MIMIX-CGB7006-BD Datasheet
427Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7008-BD MIMIX-CGB7008-BD Datasheet
481Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7011-BD MIMIX-CGB7011-BD Datasheet
484Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7004-BD MIMIX-CGB7004-BD Datasheet
431Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7009-BD MIMIX-CGB7009-BD Datasheet
425Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com