Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7007-BD-000V Datasheet(PDF) 5 Page - Mimix Broadband

Part # CGB7007-BD-000V
Description  DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7007-BD-000V Datasheet(HTML) 5 Page - Mimix Broadband

  CGB7007-BD-000V Datasheet HTML 1Page - Mimix Broadband CGB7007-BD-000V Datasheet HTML 2Page - Mimix Broadband CGB7007-BD-000V Datasheet HTML 3Page - Mimix Broadband CGB7007-BD-000V Datasheet HTML 4Page - Mimix Broadband CGB7007-BD-000V Datasheet HTML 5Page - Mimix Broadband CGB7007-BD-000V Datasheet HTML 6Page - Mimix Broadband CGB7007-BD-000V Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
Typical Scattering Parameters
(Vd = +4.95V, Icc = 66.7 mA, T = 23°C, device in a 50 ohm system)
Frequency
S 11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.112
99.7
4.30
-60.6
0.153
-87.4
0.216
56.6
5200
0.113
92.0
4.24
-64.7
0.155
-90.0
0.223
51.7
5300
0.114
83.8
4.18
-68.9
0.156
-92.8
0.232
46.9
5400
0.117
74.5
4.12
-73.1
0.158
-95.6
0.242
41.8
5500
0.122
65.8
4.06
-77.3
0.159
-98.4
0.252
36.6
5600
0.128
57.6
4.00
-81.4
0.161
-101.3
0.262
31.8
5700
0.135
49.7
3.94
-85.7
0.162
-104.2
0.273
27.2
5800
0.142
41.7
3.88
-89.9
0.163
-107.1
0.284
22.3
5900
0.151
33.5
3.82
-94.2
0.164
-110.2
0.297
17.3
6000
0.163
25.9
3.76
-98.5
0.165
-113.2
0.310
12.6
6100
0.176
19.1
3.70
-102.7
0.166
-116.1
0.323
8.0
6200
0.188
12.6
3.63
-107.1
0.166
-119.2
0.337
3.5
6300
0.201
6.2
3.57
-111.4
0.167
-122.3
0.350
-0.9
6400
0.215
-0.33.51
-115.7
0.167
-125.4
0.364
-5.4
6500
0.230
-6.4
3.44
-120.0
0.167
-128.6
0.378
-9.8
6600
0.247
-11.9
3.37
-124.3
0.167
-131.7
0.392
-14.1
6700
0.262
-17.0
3.31
-128.6
0.167
-134.7
0.406
-18.3
6800
0.277
-22.1
3.24
-132.9
0.166
-137.8
0.419
-22.3
6900
0.292
-27.33.17
-137.2
0.166
-140.9
0.432
-26.3
7000
0.308
-32.6
3.10
-141.5
0.165
-144.1
0.446
-30.4
7100
0.324
-37.5
3.02
-145.8
0.164
-147.2
0.458
-34.3
7200
0.341
-42.0
2.95
-150.0
0.163
-150.3
0.471
-38.4
7300
0.356
-46.4
2.88
-154.2
0.161
-153.4
0.481
-42.2
7400
0.369
-51.0
2.81
-158.5
0.160
-156.4
0.492
-45.9
7500
0.383
-55.7
2.73
-162.7
0.159
-159.6
0.502
-49.8
7600
0.399
-60.1
2.66
-166.8
0.157
-162.6
0.513
-53.6
7700
0.414
-64.2
2.59
-170.9
0.155
-165.5
0.523
-57.3
7800
0.427
-68.2
2.51
-174.9
0.153
-168.4
0.531
-60.9
7900
0.438
-72.1
2.44
-179.0
0.151
-171.3
0.539
-64.4
8000
0.449
-76.3
2.37
177.0
0.148
-174.1
0.547
-67.7
8100
0.461
-80.4
2.30173.1
0.146
-176.9
0.555
-71.0
8200
0.473
-84.1
2.23
169.3
0.144
-179.6
0.564
-74.3
8300
0.483
-87.5
2.16
165.5
0.142
177.8
0.571
-77.4
8400
0.490
-91.0
2.10
161.9
0.140
175.2
0.575
-80.4
8500
0.496
-94.6
2.04
158.1
0.137
172.7
0.580
-83.3
8600
0.503
-98.4
1.98
154.4
0.135
170.0
0.585
-86.3
8700
0.511
-101.9
1.92
150.8
0.133
167.5
0.589
-89.2
8800
0.517
-105.1
1.86
147.2
0.130
165.2
0.593
-92.0
8900
0.520
-108.2
1.80
143.7
0.128
163.0
0.595
-94.5
9000
0.521
-111.5
1.75
140.2
0.126
160.5
0.597
-97.2
9100
0.522
-115.0
1.70
136.7
0.124
158.3
0.598
-99.8
9200
0.526
-118.5
1.65
133.2
0.122
155.8
0.600
-102.3
9300
0.528
-121.6
1.59
129.7
0.120
153.5
0.600
-105.0
9400
0.529
-124.5
1.55
126.3
0.118
151.4
0.600
-107.6
9500
0.527
-127.6
1.50
122.9
0.116
149.3
0.598
-109.9
9600
0.524
-130.9
1.46
119.5
0.114
147.1
0.597
-112.3
9700
0.523
-134.3
1.41
116.1
0.112
144.9
0.598
-114.6
9800
0.523
-137.4
1.37
112.8
0.110
143.0
0.599
-116.9
9900
0.522
-140.1
1.33
109.7
0.108
141.0
0.598
-119.2
10000
0.517
-142.8
1.29
106.4
0.106
139.1
0.598
-121.3
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT MMIC
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7007-BD
April 2007 - Rev 03-Apr-07


Similar Part No. - CGB7007-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7007-BD MIMIX-CGB7007-BD Datasheet
537Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7007-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7015-BD MIMIX-CGB7015-BD Datasheet
197Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7005-BD MIMIX-CGB7005-BD Datasheet
403Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7006-BD MIMIX-CGB7006-BD Datasheet
427Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7008-BD MIMIX-CGB7008-BD Datasheet
481Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7010-BD MIMIX-CGB7010-BD Datasheet
481Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7011-BD MIMIX-CGB7011-BD Datasheet
484Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7004-BD MIMIX-CGB7004-BD Datasheet
431Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7009-BD MIMIX-CGB7009-BD Datasheet
425Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com