Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5586 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL5586
Description  Low Power Ringing SLIC for Home Gateways
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5586 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL5586_04 Datasheet HTML 2Page - Intersil Corporation ISL5586_04 Datasheet HTML 3Page - Intersil Corporation ISL5586_04 Datasheet HTML 4Page - Intersil Corporation ISL5586_04 Datasheet HTML 5Page - Intersil Corporation ISL5586_04 Datasheet HTML 6Page - Intersil Corporation ISL5586_04 Datasheet HTML 7Page - Intersil Corporation ISL5586_04 Datasheet HTML 8Page - Intersil Corporation ISL5586_04 Datasheet HTML 9Page - Intersil Corporation ISL5586_04 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN4924.2
November 3, 2004
Design Equations
Refer to Figure 14 for programming resistor connections.
Loop Supervision Thresholds
SWITCH HOOK DETECT
The desired switch hook detect threshold current (ISH) is set by
a single external resistor, RSH as follows
The loop current threshold programming range is from 5mA
to 15mA.
RING TRIP DETECT
The ring trip detect threshold (IRT) is set by a single external
resistor, RRT as follows.
IRT should be set between the peak ringing current and the
peak off hook current while still ringing. In addition, the ring
trip current must be set below the transient current limit
including tolerances. The ringing signal filter capacitor CRT,
in parallel with RRT sets the ring trip response time.
LOOP CURRENT LIMIT
The DC loop current limit (ILIM) is programmed by the
external resistor RIL as follows.
The loop current limit programming range is from 15mA to
45mA.
Impedance Matching
The AC source impedance of the SLIC is programmed with
the external impedance network ZS as described next. To
synthesize and match Resistive line terminations the
programming network is simply a resistor (RS) as shown in
Figure 14. For complex line terminations such as the one
illustrated in Figure 1, a complex programming network is
required.
RESISTIVE IMPEDANCE SYNTHESIS
The AC source resistance of the SLIC is synthesized with a
single external resistor RS as follows:
The synthesized resistance (Z0) is determined by the
characteristic line resistance and protection resistors as
shown in Equation 5.
COMPLEX IMPEDANCE SYNTHESIS
A complex network is used in place of RS when the termination
impedance of the line is complex as shown in Figure 1.
The component RS has a different design equation than the
RS used for resistive impedance synthesis. The design
equations for each component are provided below where
RP1 and RP2 are the protection resistors and RP is a
component of the programming network.
VBH to 4-Wire, BSEL = 2.0V
f = 50Hz
-
76
-
dB
f = 300Hz
≤ f ≤ 3400Hz
-
55
-
dB
f = 8kHz
≤ f ≤ 16kHz
-
42
-
dB
NOTES:
2. These parameters are controlled via design and Statistical Process Control and are not directly tested. These parameters are characterized upon
initial design release and upon design changes which would affect these characteristics.
3. Input voltage = 0.636VRMS for VBH = -100V, 0.530VRMS for VBH = -85V and 0.460VRMS for -75V devices.
4. Tested per IEEE455-1985, with 368
Ω resistors connected to the Tip and Ring terminals.
5. These parameters are tested 100% at room temperature, and are guaranteed but not tested across the full temperature range via statistical
characterization and design.
6. The power dissipation is based on actual device measurements and will be less than worst case calculations based on data sheet supply current limits.
7. Characterized with 2 x 10us and 10 x 1000us first level lightning surge waveform (GR-1089-CORE).
Electrical Specifications
Unless Otherwise Specified, TA = -40oC to 85oC, VBL = -24V, VBH = -100V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600
, 2-wire terminating impedance over the
frequency band of 300Hz to 3.4kHz. Protection resistors = 0
. These parameters apply generically to each
product offering. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RSH
615 ISH
=
(EQ. 1)
RRT
1800 IRT
=
(EQ. 2)
RIL
1760
ILIM
-------------
=
(EQ. 3)
RS
Z0
400
3
----------


×
133.3 Z0
()
==
(EQ. 4)
ZO
RL RP1 RP2
+
()
=
(EQ. 5)
FIGURE 1. COMPLEX PROGRAMMING NETWORK
2-WIRE TERMINATION
IMPEDANCE (ZL)
R1
R2
C2
PROGRAMMING
NETWORK (ZS)
RS
RP
CP
RS
133.3
R1 RP1
RP2
()
×
=
(EQ. 6)
RP
133.3 R2
×
=
(EQ. 7)
ISL5586


Similar Part No. - ISL5586_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5586BIM INTERSIL-ISL5586BIM Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586BIM RENESAS-ISL5586BIM Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
ISL5586BIMZ RENESAS-ISL5586BIMZ Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586CIM INTERSIL-ISL5586CIM Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586CIM RENESAS-ISL5586CIM Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
More results

Similar Description - ISL5586_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com