Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5571A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL5571A
Description  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL5571A Datasheet HTML 4Page - Intersil Corporation ISL5571A Datasheet HTML 5Page - Intersil Corporation ISL5571A Datasheet HTML 6Page - Intersil Corporation ISL5571A Datasheet HTML 7Page - Intersil Corporation ISL5571A Datasheet HTML 8Page - Intersil Corporation ISL5571A Datasheet HTML 9Page - Intersil Corporation ISL5571A Datasheet HTML 10Page - Intersil Corporation ISL5571A Datasheet HTML 11Page - Intersil Corporation ISL5571A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
The DC current limiting response has a negative
temperature coefficient. As the temperature of the device
increases the DC current limit of the switch will decrease.
This is illustrated in Figure 4.
Figure 4 shows the V-I curves of a switch at two different die
temperatures, T1 and T2. In this illustration T2 is greater in
temperature than T1. This shows that when a switch is
driven into current limit and held there, the current limit will
decrease over time as the switch temperature increases. If
the power through the switch is great enough, the
temperature of the switch will continue to increase until the
switch goes into thermal shutdown (Thermal Shutdown is
described below).
Dynamic Current Limiting Response
The DC current limit response described above pertains to
DC and AC voltage sources applied across the switches.
The dynamic response is the response of the current limit
circuit to a fast or high dv/dt pulse. The dynamic response
would be seen, for example, during a lightning surge
Figure 5 shows the dynamic response that is observed when
SW1, SW2 or SW3 is surged with a 1000V at 10/1000
µs
telecom surge pulse. (Note: This surge test is done with the
switch in the on state and with the appropriate external
secondary protection in place.) The dynamic current limit of
SW1, SW2 or SW3 will limit the current through the switch to
less than 2.0A for 0.5
µs as shown in Figure 5. Once the
switch has turned off, the voltage at the TLine and RLine
terminals will increase to a point where the external
secondary protection device will trigger and crowbar the
voltage at TLine and RLine to a low voltage, protecting the
ISL5571A against damage.
Since the Line Break switches (SW1, SW2) have this
dynamic current limit feature, the internal over-voltage
protection clamping circuit of the ISL5571A device will need
to only protect the SLIC against a 2.0A
≤0.5µs pulse during a
lightning surge.
Thermal Shutdown (TSD)
The ISL5571A has a built in thermal shutdown protection
circuit. The thermal shutdown protection mechanism is
invoked if a fault condition causes the junction temperature
of the die to exceed about 150°C. Once the thermal limit is
exceeded the thermal shutdown circuitry will force the
switches into an All OFF state, regardless of the logic inputs.
While in thermal shutdown the TSD logic pin (pin 11) will be
driven low by the thermal shutdown circuit. (Note: During
normal operation the TSD pin is high.) The thermal
shutdown mechanism was designed to have a thermal
hysteresis of about 12°C. Once in thermal shutdown the
device will begin to cool down, because all the switches are
off and no current flows. When the temperature of the die
cools to about 138°C the ISL5571A will cycle out of thermal
shutdown and the switches will close again. If the fault
condition is still present, the temperature of the die will again
increase and this cycle will be repeated.
Over Voltage Protection Clamping Circuit
The ISL5571A contains an over-voltage clamping circuit on
the SLIC side of the Line Break switches, see Figure 1. This
clamping circuit consists of a diode bridge and SCR. During
lightning surges and power-cross fault conditions this circuit
will clamp the voltage at the TBAT and RBAT terminals of the
SLIC to a safe level and will shunt harmful currents to
ground away from the SLIC.
The clamping circuit is externally connected to ground
through the FGND pin (pin 1) of the device. The battery
voltage of the SLIC is connected to the clamping circuit
through the VBAT pin (pin 16) of the device. The operation of
diode bridge and the SCR circuit is described below.
DIODE BRIDGE WITH SCR (ISL5571A)
During a positive lightning surge or during the positive cycle
of a power-cross / induction fault, the voltage at the TBAT
and RBAT terminals of the SLIC will be clamped to a diode
drop above ground. The fault current will flow harmlessly
through diodes D1 and D2 of the diode bridge to ground (see
Figure 1).
During a negative lightning surge or during the negative
cycle of a power-cross / induction fault when the voltage at
the TBAT and RBAT terminals reach 2V to 4V more negative
than the VBAT voltage, the protection SCR will trigger and
turn on. When the SCR turns on and latches, it will crowbar
the voltage at the TBAT and RBAT lines to a low-voltage
state, approximately 3 diode drops below ground. This low-
voltage on state will cause the current resulting from the over
voltage to be safely direct to ground through diodes D3 and
D4 of the diode bridge and the SCR (see Figure 1). Once the
fault current decrease below the protection SCR holding
current (110mA) the SCR will turn off and the SLIC will be
able to return to normal operation.
VBAT Fault Circuit Protection - Loss of Battery
Voltage
The ISL5571A device contains a VBAT fault circuit which
monitors the SLIC battery voltage (VBAT). When this circuit
detects that the VBAT voltage has risen above -10V, it will
cause the ISL5571A to enter the All OFF state. All the
switches will remain off (open) until the circuit detects that
the SLIC battery voltage has dropped below -15V.
Design Considerations
External Protection
Subscriber line card circuits using the ISL5571A require the
use of an external protection circuit on the loop side or
phone side of the device, see Figure 1. This protection is
required to minimize the power stress on the ISL5571A
during overvoltage and overcurrent conditions. When the
proper external protection circuitry is used in conjunction
ISL5571A


Similar Part No. - ISL5571A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
ISL5571AIBZ RENESAS-ISL5571AIBZ Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
More results

Similar Description - ISL5571A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com