Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5518XEVAL1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC5518XEVAL1
Description  VoIP Ringing SLIC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5518XEVAL1 Datasheet(HTML) 4 Page - Intersil Corporation

  HC5518XEVAL1 Datasheet HTML 1Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 2Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 3Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 4Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 5Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 6Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 7Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 8Page - Intersil Corporation HC5518XEVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN4831.14
December 18, 2006
Absolute Maximum Ratings TA = +25°C
Thermal Information
Maximum Supply Voltages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
VCC - VBH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110V
Uncommitted Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . . -110V
Maximum Tip/Ring Negative Voltage Pulse (Note 8) . . . . . . VBH -15V
Maximum Tip/Ring Positive Voltage Pulse (Note 8) . . . . . . . . . . . .+8V
ESD (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Operating Conditions
Temperature Range
Commercial (C suffix) . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +85°C
Industrial (I suffix). . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Positive Power Supply (VCC). . . . . . . . . . . . . . . . . . . . . . . +5V, ±5%
Low Battery Power Supply (VBL) . . . . . . . . . . . . . -16V to -52V, ±5%
High Battery Power Supply (VBH)
AIM, CIM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBL to 100V, ±5%
BIM, DIM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBL to -85V, ±10%
EIM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBL to -75V, ±10%
Uncommitted Switch (loop back or relay driver) . . . . . +5V to -100V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
PLCC (Note 1) . . . . . . . . . . . . . . . . . . .
53
N/A
QFN (Note 2) . . . . . . . . . . . . . . . . . . . .
27
1
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(PLCC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389
Die Characteristics
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBH
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA for the PLCC package is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
2.
θ
JA for the QFN package is measured in free air with the component mounted on a high effective thermal conductivity test board with direct attach
features including conductive thermal vias.
θJC, the “case temp” is measured at the center of the exposed metal pad on the package underside.
See Tech Brief 379 and AN9922 for additional information and board layout considerations.
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to +85°C for industrial (I) grade and TA = 0°C to +85°C for commercial
(C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +5V, AGND = BGND = 0V, loop current limit = 25mA.
All AC parameters are specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to
3.4kHz. Protection resistors = 0
Ω.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RINGING PARAMETERS
VRS Input Impedance (Note 3)
450
-
-
k
Ω
Differential Ringing Gain (Note 4)
Balanced Ringing, VRS to 2-Wire, RLOAD =
78
80
82
V/V
Unbalanced Ringing, VRS to 2-Wire, RLOAD =
40
V/V
Centering Voltage Accuracy
Tip, Referenced to VBH/2 + 0.5 (Note 9)
-
± 2.5
-
V
Ring, Referenced to VBH/2 + 0.5
-
± 2.5
-
V
Open Circuit Ringing Voltage
Balanced Ringing, VRS Input = 0.840VRMS
-67-
VRMS
Unbalanced Ringing, VRS Input = 0.840VRMS
33.5
VRMS
Ringing Voltage Total Distortion
RL = 1.3 kΩ, VT-R = |VBH| -5
-
-
4.0
%
4-Wire to 2-Wire Ringing Off Isolation
Active Mode, Referenced to VRS Input
-
90
-
dB
2-Wire to 4-Wire Transmit Isolation
Ringing Mode Referenced to the Differential
Ringing Amplitude
-80-
dB
AC TRANSMISSION PARAMETERS
Receive Input Impedance (Note 3)
160
-
-
k
Ω
Transmit Output Impedance (Note 3)
--
1
Ω
4-Wire Port Overload Level (Note 3)
THD = 1%
3.1
3.5
-
VPEAK
2-Wire Port Overload Level (Note 3)
THD = 1%
3.1
3.5
-
VPEAK
2-Wire Return Loss
300Hz
-
24
-
dB
1kHz
-
40
-
dB
3.4kHz
-
21
-
dB
HC55185


Similar Part No. - HC5518XEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5518XEVAL1 INTERSIL-HC5518XEVAL1 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
HC5518XEVAL1 INTERSIL-HC5518XEVAL1 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
HC5518XEVAL1 INTERSIL-HC5518XEVAL1 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
More results

Similar Description - HC5518XEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com