Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55185GIMZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HC55185GIMZ
Description  VoIP Ringing SLIC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55185GIMZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HC55185GIMZ Datasheet HTML 3Page - Intersil Corporation HC55185GIMZ Datasheet HTML 4Page - Intersil Corporation HC55185GIMZ Datasheet HTML 5Page - Intersil Corporation HC55185GIMZ Datasheet HTML 6Page - Intersil Corporation HC55185GIMZ Datasheet HTML 7Page - Intersil Corporation HC55185GIMZ Datasheet HTML 8Page - Intersil Corporation HC55185GIMZ Datasheet HTML 9Page - Intersil Corporation HC55185GIMZ Datasheet HTML 10Page - Intersil Corporation HC55185GIMZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN4831.14
December 18, 2006
Special Considerations for the QFN
Package
The new QFN package offers a significant footprint reduction
(65%) and improved thermal performance with respect to the
28 lead PLCC. To realize the thermal enhancements and
maintain the high voltage (-100V) performance, the exposed
leadframe should be soldered to a power/heat sink plane
that is electrically connected to the high battery supply (VBH)
within the application board. This approach distributes the
heat evenly across the board and is accomplished by using
conductive thermal vias. Reference technical brief TB379
and AN9922 for additional information on thermal
characterization and board layout considerations.
Product Family Cross Reference
The following table provides an ordering and functional cross
reference for the existing HC55180 through HC55184
products and the new and improved HC55185 product.
Any of the HC55185 products may be used without the
battery switch function by shorting the supply pins VBL and
VBH together. This provides compatibility with HC55180
type applications which do not require the battery switch.
Application Circuit Modifications
The HC55185 basic application circuit is nearly identical to
that of the HC55180 through HC55184. The HC55185
requires an additional resistor to program the transient
current limit feature. This programming resistor is connected
from pin 16 (TL) to ground. In addition some component
values have been changed to improve overall device
performance. The table below lists the component value
changes required for the HC55185 application circuit.
The value of RS is based on a 600
Ω termination impedance
and RP1 = RP2 = 49.9
Ω. Design equations are provided to
calculate RS for other combinations of termination and
protection resistance.
The CFB capacitor must be non-polarized for proper device
operation in Reverse Active. Ceramic surface mount
capacitors (1206 body style) are available from Panasonic
with a 6.3V voltage rating. These can be used for CFB since
it is internally limited to approximately ±3V. The CDC
capacitor may be either polarized or non polarized.
Parametric Improvements
The most significant parametric improvement of the
HC55185 is reduction in Idle Channel Noise. This
improvement was accomplished by redistributing gains in
the impedance matching loop. The impact to the application
circuit is the change in the impedance programming resistor
RS. The redistribution of gains also improves AC
performance at the upper end of the voice band.
VBH to 4-Wire
300Hz
≤ f ≤ 1kHz
-
40
-
dB
1kHz
< f ≤ 3.4kHz
-
45
-
dB
NOTES:
3. These parameters are controlled via design or process parameters and are not directly tested. These parameters are characterized upon initial
design release and upon design changes which would affect these characteristics.
4. Differential Ringing Gain is measured with VRS = 0.795VRMS for -100V devices, VRS = 0.663 VRMS for -85V devices and VRS = 0.575VRMS
for -75V devices.
5. Longitudinal Balance is tested per IEEE455-1985, with 368
Ω per Tip and Ring terminal.
6. These parameters are tested 100% at room temperature. These parameters are guaranteed not tested across temperature via statistical
characterization and design.
7. The power dissipation is based on actual device measurements and will be less than worst case calculations based on data sheet supply current
limits.
8. Characterized with 2 x 10
μs, and 10 x 1000μs first level lightning surge waveforms (GR-1089-CORE)
9. For Unbalanced Ringing the Tip terminal is offset to 0V and the Ring terminal is centered at Vbh/2 + 0.5V.
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to +85°C for industrial (I) grade and TA = 0°C to +85°C for commercial
(C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +5V, AGND = BGND = 0V, loop current limit = 25mA.
All AC parameters are specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to
3.4kHz. Protection resistors = 0
Ω. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TABLE 1. PRODUCT CROSS REFERENCE
EXISTING DEVICES
FUNCTIONAL EQUIVALENT
HC55180CIM, HC55180DIM
None Offered
HC55181AIM, HC55182AIM
HC55185AIM
HC55181BIM, HC55182BIM
HC55185BIM
HC55181CIM, HC55182CIM
HC55185CIM
HC55181DIM, HC55182DIM
HC55185DIM
HC55183ECM, HC55184ECM
HC55185ECM
TABLE 2. COMPONENT VALUE CHANGES
REFERENCE
HC55180 - 184
HC55185
RS
210k
Ω
66.5k
Ω
RP1
≥ 35Ω≥ 49Ω
RP2
≥ 35Ω≥ 49Ω
CFB
0.47
μ
4.7
μ
HC55185


Similar Part No. - HC55185GIMZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC55185GIMZ RENESAS-HC55185GIMZ Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
More results

Similar Description - HC55185GIMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com